Electronic Components Datasheet Search
  English  ▼

X  

HS941XS Datasheet(PDF) 1 Page - API Technologies Corp

Part # HS941XS
Description  8 Channel, 12 Bit Data Acquisition System With 關P Interface
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

HS941XS Datasheet(HTML) 1 Page - API Technologies Corp

  HS941XS Datasheet HTML 1Page - API Technologies Corp HS941XS Datasheet HTML 2Page - API Technologies Corp HS941XS Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
8 Channel, 12 Bit D ata Acquisition
System W ith µP Interface
H S9410 Series
D ata Converter Line
FEATURES
Complete 8 channel, 12-bit data acquisition
system with M UX, S/H, REF, clock and three-
state outputs
Full 8- or 16-bit microprocessor bus interface
Guaranteed linearity over temperature
High throughput rate: 25kHz
Hermetic 28-pin
Low Power: 400mW
DESCRIPTION
The HS9410 Series is a complete 8-channel, micro-
processor-compatible, 12-bit data acquisition system
with all the interface logic to connect directly to
8- or 16-bit microprocessor buses. It is contained in
a 28-pin DIP and includes an 8-channel multiplexer,
a sample-and-hold amplifier, and a 12-bit A/D
converter along with the control logic needed to
perform a complete data acquisition function. System
throughput rate is 25kHz for full rated accuracy.
The analog-to-digital converter section contains
the HS574 12-bit A DC. The HS9410 Series is offered
in a hermetically sealed package for use over a
wide temperature range and for M IL-STD-883
requirements.
The HS9410 Series operates from ±15V * and +5V
with a total power consumption of 400mW . To take
advantage of the 28-pin package, the user must
specify an input range of 0 to +10V , ±5V or ±10V
when ordering. Four basic product grades are
available; J and K models are specified over a
temperature range of 0ºC to +70ºC while the S
and T models are specified over an extended
temperature range of –55ºC to +125ºC. Full
screening to M IL-STD-883C and processing in ac-
cordance with M ethod 5008.1 is available with
models specified as “ B.”
* ±12V operation possible; consult factory for further information.
FUNCTIONAL DIAGRAM
A NA LOG
INPUTS
M UX
A DDRESS
CH 1
CH 2
CH 3
CH 4
CH 5
CH 6
CH 7
CH 8
11
12
13
14
18
17
16
15
M A 0
M A 1
M A 2
10
9
8
8 CHA NNEL
M ULTIPLEXER
HS 9410 SERIES
SA M PLE & HOLD
A M PLIFIER
CONTROL
LOGIC
CLOCK
REF
12-BIT
A DC
HIGH
BY TE
OR
LOW
BY TE
M IDDLE
BY TE
STS
(STA TUS)
22
GA IN
21
OFFSET
20
DB11 (MSB)/DB3
DB10/DB2
DB9/DB1
DB8/DB0 (LSB)
DB7
DB6
DB5
DB4
2
1
28
27
26
25
24
23
A 0
3
V CC
+15V
V LOGIC
+5V
V EE
– 15V
19
GND
7
6
5
R/C
4
165Cedar Hill Street,Marlborough,MA01752 Tel:508.485.6350 Fax: 508.485.5168
www.SpectrumMicrowave.com


Similar Part No. - HS941XS

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
16-Channel, 12-Bit Data Acquisition System
logo
SHANTOU HUASHAN ELECTRO...
HS945 HUASHAN-HS945 Datasheet
243Kb / 1P
NPN SILICON TRANSISTOR
More results

Similar Description - HS941XS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1362 AD-AD1362 Datasheet
431Kb / 8P
16-Channel,12-Bit Data Acquisition System
AD7890 AD-AD7890 Datasheet
302Kb / 20P
LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV.A
logo
Burr-Brown (TI)
VECANA01 BURR-BROWN-VECANA01 Datasheet
329Kb / 17P
10-Channel, 12-Bit DATA ACQUISITION SYSTEM
ADS7833 BURR-BROWN-ADS7833 Datasheet
150Kb / 12P
10-Channel, 12-Bit DATA ACQUISITION SYSTEM
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
16-Channel, 12-Bit Data Acquisition System
logo
Analog Devices
AD7891AP AD-AD7891AP Datasheet
316Kb / 20P
LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD1362 AD-AD1362_15 Datasheet
437Kb / 8P
16 Channel 12 Bit Data Acquisition System
REV. A
logo
Texas Instruments
VECANA01 TI1-VECANA01_13 Datasheet
328Kb / 17P
10-Channel, 12-Bit DATA ACQUISITION SYSTEM
logo
Analog Devices
AD7890 AD-AD7890_17 Datasheet
392Kb / 29P
8-Channel, 12-Bit Serial Data Acquisition System
23-Feb-2017
AD7891 AD-AD7891_17 Datasheet
394Kb / 21P
8-Channel, 12-Bit High Speed Data Acquisition System
23-Feb-2017
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com