Electronic Components Datasheet Search
  English  ▼

X  

73604 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 73604
Description  ESD Statshield Protective Smocks Grounding, Testing and Maintenance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

73604 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  73604 Datasheet HTML 1Page - List of Unclassifed Manufacturers 73604 Datasheet HTML 2Page - List of Unclassifed Manufacturers 73604 Datasheet HTML 3Page - List of Unclassifed Manufacturers 73604 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TB-2055 Page 4 of 4
© 2011 DESCO INDUSTRIES INC.
Employee Owned
DESCO WEST
- 3651 Walnut Avenue, Chino, CA 91710 • (909) 627-8178 • Fax (909) 627-7449
DESCO EAST
- One Colgate Way, Canton, MA 02021-1407 • (781) 821-8370 • Fax (781) 575-0172 • Web Site: Desco.com
LIMITED WARRANTY
Desco expressly warrants that for a period of two (2) years from the
date of purchase or (100) one hundred wash cycles, whichever occurs
first, Desco Statshield® ESD Smocks will be free of defects in material
(parts) and workmanship (labor). Within the warranty period, a credit
for purchase of replacement Desco Statshield® ESD Smocks, or, at
our option, the Statshield® ESD Smock will be repaired or replaced
free of charge. If product credit is issued, the amount will be calculated
by multiplying the unused portion of the expected two year or 100
wash cycle life times the original unit purchase price. Call Customer
Service at 909-627-8178 for a Return Material Authorization (RMA) and
proper shipping instructions. You should include a copy of your original
packing slip, invoice, or other proof of purchase date. Any unit under
warranty should be shipped prepaid to the Desco factory. Warranty
repairs will take approximately two weeks.
If your unit is out of warranty, call Customer Service at 909-627-8178
(Chino, CA) or 781-821-8370 (Canton, MA) for a Return Material
Authorization (RMA) and proper shipping instructions and address.
Desco will quote repair charges necessary to bring your unit up to
factory standards.
WARRANTY EXCLUSIONS
THE FOREGOING EXPRESS WARRANTY IS MADE IN LIEU
OF ALL OTHER PRODUCT WARRANTIES, EXPRESSED AND
IMPLIED, INCLUDING MERCHANTABILITY AND FITNESS FOR A
PARTICULAR PURPOSE WHICH ARE SPECIFICALLY DISCLAIMED.
The express warranty will not apply to defects or damage due to
accidents, neglect, misuse, alterations, operator error, or failure to
properly maintain, clean or repair products.
LIMIT OF LIABILITY
In no event will Desco or any seller be responsible or liable for any
injury, loss or damage, direct or consequential, arising out of the use of
or the inability to use the product. Before using, users shall determine
the suitability of the product for their intended use, and users assume
all risk and liability whatsoever in connection therewith.
The carbon-suffused mono-filament nylon is sensitive to
heat and should not be exposed to laundering heat in
excess of 120°F. Use only non-ionic softeners and
detergents when laundering. Under normal wearing and
recommended washing conditions, Desco Statshield® ESD
protective smocks will maintain their usefulness and
effectiveness for a minimum of 100 washings. Some other
ESD smocks have as little as 1% suffused carbon and lose
their ESD protective qualities after a few washings.
Specifications
Fabric Weight
2.2 oz per square yard
Fabric Content
Texturized polyester and a
minimum of 9% carbon
mono-filament nylon.
Carbon Mono-filament
Conductive at 10E4 ohms,
nonflaking and non-sloughing.
Surface Resistance
10E5 - 10E6 ohms, per
ESD-STM2.1 of Fabric
Static Decay Rate
5000 volts to 500 volts in less
than 0.1 seconds, per FTMS-101C
Glass Transition Temp
250°F
Flash Point
1040°F
Note: Material sample swatches are available upon
request. Fabric lots vary slightly in color and weight. If
you have any question please don’t hesitate to request
a sample material from our Customer Service Team.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com