Electronic Components Datasheet Search
  English  ▼

X  

CD54HC160F Datasheet(PDF) 6 Page - Texas Instruments

Part # CD54HC160F
Description  BCD SYNCHRONOUS DECADE COUNTERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC160F Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD54HC160F Datasheet HTML 2Page - Texas Instruments CD54HC160F Datasheet HTML 3Page - Texas Instruments CD54HC160F Datasheet HTML 4Page - Texas Instruments CD54HC160F Datasheet HTML 5Page - Texas Instruments CD54HC160F Datasheet HTML 6Page - Texas Instruments CD54HC160F Datasheet HTML 7Page - Texas Instruments CD54HC160F Datasheet HTML 8Page - Texas Instruments CD54HC160F Datasheet HTML 9Page - Texas Instruments CD54HC160F Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CD54HC160, CD54HC162
BCD SYNCHRONOUS DECADE COUNTERS
SCHS301 – JUNE 2000
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage range, VCC
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < –0.5 V or VI > VCC + 0.5 V)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < –0.5 V or VO > VCC + 0.5 V)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = –0.5 V to VCC + 0.5 V)
±25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power dissipation, PD (see Note 2)
500 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
265
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature, unit inserted into a PC board (minimum thickness 1,6 mm, 1/16 inch)
with solder contacting lead tips only
300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. Above 100
°C, derate linearly at a factor of 8 mW/°C.
recommended operating conditions (see Note 3)
MIN
MAX
UNIT
VCC
Supply voltage
2
6
V
VCC = 2 V
1.5
VIH
High-level input voltage
VCC = 4.5 V
3.15
V
VCC = 6 V
4.2
VCC = 2 V
0.5
VIL
Low-level input voltage
VCC = 4.5 V
1.35
V
VCC = 6 V
1.8
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
VCC = 2 V
0
1000
tr, tf
Input transition rise or fall times
VCC = 4.5 V
0
500
ns
VCC = 6 V
0
400
TA
Operating free-air temperature
–55
125
°C
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com