Electronic Components Datasheet Search
  English  ▼

X  

73641 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 73641
Description  Statshield Smocks Grounding, Testing and Maintenance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

73641 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  73641 Datasheet HTML 1Page - List of Unclassifed Manufacturers 73641 Datasheet HTML 2Page - List of Unclassifed Manufacturers 73641 Datasheet HTML 3Page - List of Unclassifed Manufacturers 73641 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TB-2055 Page 4 of 4
© 2013 DESCO INDUSTRIES INC.
Employee Owned
DESCO WEST
- 3651 Walnut Avenue, Chino, CA 91710 • (909) 627-8178
DESCO EAST
- One Colgate Way, Canton, MA 02021-1407 • (781) 821-8370 • Web Site: Desco.com
LIMITED WARRANTY
Desco expressly warrants that for a period of two (2) years from the
date of purchase or (100) one hundred wash cycles, whichever occurs
first, Desco Statshield® ESD Smocks will be free of defects in material
(parts) and workmanship (labor). Within the warranty period, a credit
for purchase of replacement Desco Statshield® ESD Smocks, or, at our
option, the Statshield® ESD Smock will be repaired or replaced free
of charge. If product credit is issued, the amount will be calculated by
multiplying the unused portion of the expected two year or 100 wash
cycle life times the original unit purchase price. Call Customer Service
at 909-627-8178 for a Return Material Authorization (RMA) and proper
shipping instructions. You should include a copy of your original
packing slip, invoice, or other proof of purchase date. Any unit under
warranty should be shipped prepaid to the Desco factory. Warranty
repairs will take approximately two weeks.
If your unit is out of warranty, call Customer Service at
909-627-8178
(Chino, CA) or 781-821-8370 (Canton, MA) for a Return Material
Authorization (RMA) and proper shipping instructions and address.
Desco will quote repair charges necessary to bring your unit up to
factory standards.
WARRANTY EXCLUSIONS
THE FOREGOING EXPRESS WARRANTY IS MADE IN LIEU
OF ALL OTHER PRODUCT WARRANTIES, EXPRESSED AND
IMPLIED, INCLUDING MERCHANTABILITY AND FITNESS FOR A
PARTICULAR PURPOSE WHICH ARE SPECIFICALLY DISCLAIMED.
The express warranty will not apply to defects or damage due to
accidents, neglect, misuse, alterations, operator error, or failure to
properly maintain, clean or repair products.
LIMIT OF LIABILITY
In no event will Desco or any seller be responsible or liable for any
injury, loss or damage, direct or consequential, arising out of the use of
or the inability to use the product. Before using, users shall determine
the suitability of the product for their intended use, and users assume
all risk and liability whatsoever in connection therewith.
Maintenance
Statshield® smocks must be laundered periodically for
proper operation. Desco recommends Woolite. Liquid
detergents are better than dry because there is less caking
and frictional wear. Use only non-ionic softeners and
detergents when laundering. Launder Statshield® smocks in
cool or warm water, tumble dry with low heat or hang dry.
DO NOT USE BLEACH OR FABRIC SOFTENER.
Launder Statshield® smocks by hand or with a washing
machine. Use a standard household machine on gentle
cycle or use an industrial machine if “Pony” (typically
under 200 pound loads) machines are used. It is not
recommended to launder these Statshield® smocks in heavy
industrial laundry machines because it will lead to premature
wear; degrading the ESD properties. Statshield® smocks
should be tumbled dry using low heat.
The carbon-suffused mono-filament nylon is sensitive to
heat and should not be exposed to laundering heat in
excess of 120°F. Under normal wearing and recommended
washing conditions, Desco Statshield® ESD protective
smocks will maintain their usefulness and effectiveness for
a minimum of 100 washings. Some other ESD smocks have
as little as 1% suffused carbon and lose their ESD protective
qualities after a few washings.
Specifications
Fabric Weight*
2.2 oz per square yard
Fabric Content
Texturized polyester and a
minimum of 9% carbon
mono-filament nylon.
Carbon Mono-filament
Conductive at 1 x 104 ohms,
nonflaking and non-sloughing.
Surface Resistance
1 x 105 < 1 x 107 ohms, per
ANSI/ESD STM2.1 and ESD
TR53 of Fabrics
Glass Transition Temp
250°F
Flash Point
1040°F
*Fabric lots vary slightly in color and weight.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com