Electronic Components Datasheet Search
  English  ▼

X  

CD54HC160 Datasheet(PDF) 7 Page - Texas Instruments

Part # CD54HC160
Description  BCD SYNCHRONOUS DECADE COUNTERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC160 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD54HC160 Datasheet HTML 3Page - Texas Instruments CD54HC160 Datasheet HTML 4Page - Texas Instruments CD54HC160 Datasheet HTML 5Page - Texas Instruments CD54HC160 Datasheet HTML 6Page - Texas Instruments CD54HC160 Datasheet HTML 7Page - Texas Instruments CD54HC160 Datasheet HTML 8Page - Texas Instruments CD54HC160 Datasheet HTML 9Page - Texas Instruments CD54HC160 Datasheet HTML 10Page - Texas Instruments CD54HC160 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CD54HC160, CD54HC162
BCD SYNCHRONOUS DECADE COUNTERS
SCHS301 – JUNE 2000
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
CD54HC160
CD54HC162
UNIT
CC
MIN
TYP
MAX
MIN
MAX
2 V
1.9
1.9
IOH = –20 mA
4.5 V
4.4
4.4
VOH
6 V
5.9
5.9
V
IOH = –4 mA
4.5 V
3.98
3.7
IOH = –5.2 mA
6 V
5.48
5.2
2 V
0.1
0.1
IOL = 20 mA
4.5 V
0.1
0.1
VOL
6 V
0.1
0.1
V
IOL = 4 mA
4.5 V
0.26
0.4
IOL = 5.2 mA
6 V
0.26
0.4
II
VI = VCC or GND
6 V
±0.1
±1
mA
ICC
VI = VCC or GND,
IO = 0
6 V
8
160
mA
CIN
10
10
pF
timing requirements over recommended operating free-air temperature range, VCC = 2 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
CD54HC160
CD54HC162
UNIT
MIN
MAX
MIN
MAX
fmax
Maximum frequency
CLK
6
4
MHz
t
Pulse duration
CLK low
80
120
ns
tw
Pulse duration
CLR low (’160 only)
100
150
ns
↑
Data (A, B, C, and D)
60
90
↑
ENP, ENT
50
75
tsu
Setup time before CLK
↑
LOAD low
60
90
ns
CLR (’162 only)
65
100
CLR high (’160 only)
75
110
↑
Data (A, B, C, and D)
3
3
th
Hold time after CLK
↑
ENP, ENT
0
0
ns
LOAD low
3
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com