Electronic Components Datasheet Search
  English  ▼

X  

CD4066B Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CD4066B
Description  CMOS QUAD BILATERAL SWITCH
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4066B Datasheet(HTML) 10 Page - Texas Instruments

Back Button CD4066B Datasheet HTML 6Page - Texas Instruments CD4066B Datasheet HTML 7Page - Texas Instruments CD4066B Datasheet HTML 8Page - Texas Instruments CD4066B Datasheet HTML 9Page - Texas Instruments CD4066B Datasheet HTML 10Page - Texas Instruments CD4066B Datasheet HTML 11Page - Texas Instruments CD4066B Datasheet HTML 12Page - Texas Instruments CD4066B Datasheet HTML 13Page - Texas Instruments CD4066B Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
CD4066B
CMOS QUAD BILATERAL SWITCH
SCHS051D − NOVEMBER 1998 − REVISED SEPTEMBER 2003
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Inputs
VSS
Measure inputs sequentially to both VDD and VSS. Connect all unused inputs to either VDD or VSS. Measure control inputs only.
I
VSS
VDD
92CS-27555
Figure 16. Input Leakage-Current Test Circuit
VDD
Channel 1
Channel 2
Channel 3
Channel 4
Channel 1
Channel 2
Channel 3
Channel 4
1/4 CD4066B
CD4066B
CD4066B
CD4018B
CD4018B
1/4 CD4066B
CD4001B
LPF
LPF
LPF
LPF
1
10
2379
12
54
14
15
13
1
2
3
5
2
4
1
2
5
6
8
9
12
13
3
4
10
1
8
4
11
11
12
6
513
9
10
2
3
10
2
3
7
9
12
14
15
1
54
7
9
6
10
13
12
9
8
6
5
2
1
11
10
4
3
12
6
5
11
11
12
5
8
4
3
11
4
1
2
3
9
10
PE J1
J2 J3 J4
J5
Q2
Q1
1/3 CD4049B
Signal
Inputs
Clock
Reset
Package Count
2 - CD4001B
1 - CD4049B
3 - CD4066B
2 - CD4018B
1/3 CD4049B
1/6 CD4049B
10 k
Signal
Outputs
PE J1
J2
J3 J4
J5
Q2
Q1
External
Reset
Clock
Chan 1 Chan 2 Chan 3 Chan 4
VDD
30% (VDD − VSS)
Clock
Maximum
Allowable
Signal Level
VSS
92CM-30928
Ω
10 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
Figure 17. Four-Channel PAM Multiplex System Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com