Electronic Components Datasheet Search
  English  ▼

X  

CDC7005 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # CDC7005
Description  3.3-V HIGH PERFORMANCE CLOCK SYNTHSIZER AND JITTER CLEANER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC7005 Datasheet(HTML) 24 Page - Texas Instruments

Back Button CDC7005 Datasheet HTML 20Page - Texas Instruments CDC7005 Datasheet HTML 21Page - Texas Instruments CDC7005 Datasheet HTML 22Page - Texas Instruments CDC7005 Datasheet HTML 23Page - Texas Instruments CDC7005 Datasheet HTML 24Page - Texas Instruments CDC7005 Datasheet HTML 25Page - Texas Instruments CDC7005 Datasheet HTML 26Page - Texas Instruments CDC7005 Datasheet HTML 27Page - Texas Instruments CDC7005 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
CDC7005
3.3V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
SCAS685L− DECEMBER 2002 − REVISED JUNE 2009
24
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
+
−
10 k
Ω
VIN
AVCC
10 k
Ω
10 nF
3.3 k
Ω
AVCC
180
Ω
450
Ω
50
Ω
(Oscilloscope)
VOUT
Figure 14. OPA Slew Rate/Gain Bandwidth Test Circuit
+
−
900
Ω
900
Ω
AVCC
180
Ω
VOUT
VIN
180
Ω
NOTE: CMRR (dB) = 20 x Log (VIN/(VIN − VOUT)) x (1 + 900/180)
Figure 15. CMRR Test Circuits
+
−
10 k
Ω
AVCC
900
Ω
AVCC
180
Ω
VOUT
10 k
Ω
NOTE: PSRR (dB) = (
∆AVCC/VOUT) x (900/180)
Figure 16. PSRR Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com