Electronic Components Datasheet Search
  English  ▼

X  

CDC7005RGZRG4 Datasheet(PDF) 26 Page - Texas Instruments

Part # CDC7005RGZRG4
Description  3.3-V HIGH PERFORMANCE CLOCK SYNTHSIZER AND JITTER CLEANER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC7005RGZRG4 Datasheet(HTML) 26 Page - Texas Instruments

Back Button CDC7005RGZRG4 Datasheet HTML 22Page - Texas Instruments CDC7005RGZRG4 Datasheet HTML 23Page - Texas Instruments CDC7005RGZRG4 Datasheet HTML 24Page - Texas Instruments CDC7005RGZRG4 Datasheet HTML 25Page - Texas Instruments CDC7005RGZRG4 Datasheet HTML 26Page - Texas Instruments CDC7005RGZRG4 Datasheet HTML 27Page - Texas Instruments CDC7005RGZRG4 Datasheet HTML 28Page - Texas Instruments CDC7005RGZRG4 Datasheet HTML 29Page - Texas Instruments CDC7005RGZRG4 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
18-Oct-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
CDC7005RGZ
PREVIEW
VQFN
RGZ
48
TBD
Call TI
Call TI
-40 to 85
CDC7005RGZR
ACTIVE
VQFN
RGZ
48
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU | Call TI
Level-3-260C-168 HR
-40 to 85
CDC7005
CDC7005RGZRG4
ACTIVE
VQFN
RGZ
48
2500
Green (RoHS
& no Sb/Br)
Call TI
Level-3-260C-168 HR
-40 to 85
CDC7005
CDC7005RGZT
ACTIVE
VQFN
RGZ
48
250
Green (RoHS
& no Sb/Br)
CU NIPDAU | Call TI
Level-3-260C-168 HR
-40 to 85
CDC7005
CDC7005RGZTG4
ACTIVE
VQFN
RGZ
48
250
Green (RoHS
& no Sb/Br)
Call TI
Level-3-260C-168 HR
-40 to 85
CDC7005
CDC7005ZVA
ACTIVE
BGA
ZVA
64
348
Pb-Free
(RoHS)
SNAGCU
Level-3-260C-168 HR
-40 to 85
CK7005Z
CDC7005ZVAR
ACTIVE
BGA
ZVA
64
1000
Pb-Free
(RoHS)
SNAGCU
Level-3-260C-168 HR
-40 to 85
CK7005Z
CDC7005ZVAT
ACTIVE
BGA
ZVA
64
250
Pb-Free
(RoHS)
SNAGCU
Level-3-260C-168 HR
-40 to 85
CK7005Z
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com