Electronic Components Datasheet Search
  English  ▼

X  

73610 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 73610
Description  STATSHIELD SMOCKS AND GLOVES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

73610 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  73610 Datasheet HTML 1Page - List of Unclassifed Manufacturers 73610 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMOCKS AND GLOVES
STATSHIELD® SMOCKS
13
See our products being
Made in America
on our web site:
www.desco.com/factory
Web Site: www.desco.com • Phone: (909) 627-8178 • Fax: (909) 627-7449
• Conductive knitted cuff
Eliminates need for wristband
• Creates Faraday Cage effect
Charges on worker clothing shielded, protecting
ESDS devices
• Patented* hip-to-cuff grounding
Allows your coil cord to snap to the hip of the
smock for hands-free grounding, increasing
productivity
• 9% minimum carbon conductive nylon fibers woven in
chain-link design
Provides continuous and consistent charge dissipation
• Panel to panel conductivity
Prevents isolated charged conductor in ESD protected area
• 2 years or 100 launderings
See limited warranty on line at www.desco.com
• >105 ohms RTT
• Made in America
Technical Bulletin TB-2055
STATSHIELD® JACKETS WITH CUFFS
Size
BLUE
WHITE
TEAL
X Small
73749
73830
73850
Small
73750
73831
73851
Medium
73755
73832
73852
Large
73760
73833
73853
X Large
73765
73834
73854
2X Large
73770
73835
73855
3X Large
73771
73836
73856
4X Large
73772
73837
73857
5X Large
73773
73838
73858
6X Large
73774
73839
73859
STATSHIELD® LAB COATS WITH CUFFS
Size
BLUE
WHITE
TEAL
X Small
73610
73630
73650
Small
73611
73631
73651
Medium
73612
73632
73652
Large
73613
73633
73653
X Large
73614
73634
73654
2X Large
73615
73635
73655
3X Large
73616
73636
73656
4X Large
73617
73637
73657
5X Large
73618
73638
73658
6X Large
73619
73639
73659
*U.S. Patent #4,596,053
For detailed information on
all Desco smocks and gloves:
www.desco.com/catalog
Premium Statshield®
Smocks feature our
patented* Hip-to-Cuff
grounding feature for
hands-free grounding.
This removes charges
from the worker while
allowing hands to be
free, allowing for
increased productivity.
COIL CORD
TO GROUND
NO WRISTBAND
NECESSARY
Design:
3 pockets, collar, and
conductive cuff
Color:
Blue, white, teal
Fabric:
Polyester with
9% minimum carbon
suffused fibers
Fabric Weight: 2.25 ounces/sq yard
Charge Decay: < 0.1 seconds per
FTMS 101C/4046
Durability:
100 minimum
launderings
New and
Impro
ved
2 years
or 100
launderings


Similar Part No. - 73610

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
73610 ETC2-73610 Datasheet
612Kb / 4P
Statshield Smocks Grounding, Testing and Maintenance
73610 ETC2-73610 Datasheet
612Kb / 4P
Statshield Smocks Grounding, Testing and Maintenance
73610 ETC2-73610 Datasheet
612Kb / 4P
Statshield Smocks Grounding, Testing and Maintenance
73610 ETC2-73610 Datasheet
609Kb / 4P
ESD Statshield Protective Smocks Grounding, Testing and Maintenance
73610 ETC2-73610 Datasheet
612Kb / 4P
Statshield Smocks Grounding, Testing and Maintenance
More results

Similar Description - 73610

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
13460 ETC2-13460 Datasheet
146Kb / 1P
STATSHIELD METAL-IN SERIES
73822 ETC2-73822 Datasheet
612Kb / 4P
Statshield Smocks Grounding, Testing and Maintenance
73862 ETC2-73862 Datasheet
612Kb / 4P
Statshield Smocks Grounding, Testing and Maintenance
TB-2055 ETC2-TB-2055 Datasheet
612Kb / 4P
Statshield Smocks Grounding, Testing and Maintenance
73616 ETC2-73616 Datasheet
612Kb / 4P
Statshield Smocks Grounding, Testing and Maintenance
73832 ETC2-73832 Datasheet
609Kb / 4P
ESD Statshield Protective Smocks Grounding, Testing and Maintenance
73837 ETC2-73837 Datasheet
612Kb / 4P
Statshield Smocks Grounding, Testing and Maintenance
logo
3M Electronics
CG-GU 3M-CG-GU Datasheet
231Kb / 2P
3M™ Comfort Grip Gloves
January 2020
logo
Bertech.
LPF BERTECH-LPF Datasheet
173Kb / 1P
Cleanroom Compatible Latex Gloves
NPF BERTECH-NPF Datasheet
155Kb / 1P
Cleanroom Compatible Nitrile Gloves
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com