Electronic Components Datasheet Search
  English  ▼

X  

PCF8575DW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PCF8575DW
Description  REMOTE 16-BIT I2C AND SMBus I/O EXPANDERWITH INTERRUPT OUTPUT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCF8575DW Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCF8575DW Datasheet HTML 3Page - Texas Instruments PCF8575DW Datasheet HTML 4Page - Texas Instruments PCF8575DW Datasheet HTML 5Page - Texas Instruments PCF8575DW Datasheet HTML 6Page - Texas Instruments PCF8575DW Datasheet HTML 7Page - Texas Instruments PCF8575DW Datasheet HTML 8Page - Texas Instruments PCF8575DW Datasheet HTML 9Page - Texas Instruments PCF8575DW Datasheet HTML 10Page - Texas Instruments PCF8575DW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
www.ti.com
A
A
S
0
1
0
0
A1
A2
A0
0
Start
Condition
ACK
From Slave
ACK
From Slave
Data to Port 0
Data to Port 1
Slave Address (PCF8575)
R/W
P07 P06
1
P00
P17
P10 A
Integral Multiples of Two Bytes
P05
tpv
IOHT
tir
SCL
SDA
Write to
Port
Data Output
Voltage
P05 Output
Voltage
P05 Pullup
Output
Current
INT
ACK
From Slave
Data A0
and B0
Valid
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
IOH
A
A
S
0
1
0
0
A1
A2
A0
1
ACK
From Slave
ACK
From Master
R/W
P07 P06
P00
P17
ACK
From Master
tsu
tir
SCL
SDA
Read From
Port
Data Into
Port
INT
P05 P04 P03 P02 P01
A
P10
tir
tiv
P17 to P10
P07 to P00
P07 to P00
P17 to P10
A low-to-high transition of SDA while SCL is high is defined as the stop condition (P). The transfer of data can be stopped at any moment by
a stop condition. When this occurs, data present at the latest ACK phase is valid (output mode). Input data is lost.
P16 P15 P14 P13 P12 P11
th
P07 P06
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
PCF8575
REMOTE 16-BIT I2C AND SMBus I/O EXPANDER
WITH INTERRUPT OUTPUT
SCPS121D – JANUARY 2005 – REVISED APRIL 2007
Figure 4 and Figure 5 show the address and timing diagrams for the write and read modes, respectively.
Figure 4. Write Mode (Output)
Figure 5. Read Mode (Input)
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com