Electronic Components Datasheet Search
  English  ▼

X  

TLP280F Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TLP280F
Description  Programmable Controllers AC/DC?묲nput Module PC Card Modem (PCMCIA)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP280F Datasheet(HTML) 7 Page - Toshiba Semiconductor

  TLP280F Datasheet HTML 1Page - Toshiba Semiconductor TLP280F Datasheet HTML 2Page - Toshiba Semiconductor TLP280F Datasheet HTML 3Page - Toshiba Semiconductor TLP280F Datasheet HTML 4Page - Toshiba Semiconductor TLP280F Datasheet HTML 5Page - Toshiba Semiconductor TLP280F Datasheet HTML 6Page - Toshiba Semiconductor TLP280F Datasheet HTML 7Page - Toshiba Semiconductor TLP280F Datasheet HTML 8Page - Toshiba Semiconductor TLP280F Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TLP280,TLP280
−4
2007-10-01
7
IC – VCE
Collector-emitter voltage
VCE (V)
IF = 5mA
PC(MAX.)
10
15
20
30
50
10
10
5
0
20
30
40
50
0
IC – VCE
IF = 2mA
50
40
30
20
10
5
Collector-emitter voltage
VCE (V)
5
1.0
0..5
0
10
15
25
30
0
20
VCE = 10V
VCE = 5V
VCE = 0.4V
IC – IF
Forward current IF (mA)
Sample A
Sample B
1
100
100
10
1
0.1
0.1
10
ICEO – Ta
Ambient temperature Ta (℃)
VCE = 48V
5V
10V
24V
10
1
100
80
60
40
20
0
10
0
10
-1
10
-2
10
-3
10
-4
Forward current IF (mA)
IC / IF – IF
VCE = 10V
VCE = 5V
VCE = 0.4V
Sample B
Sample A
1000
100
10
1
0.1
100
10
Ta = 25℃
Ta = 25℃



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com