Electronic Components Datasheet Search
  English  ▼

X  

TLP371F Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TLP371F
Description  Office Machine Household Use Equipment Telecommunication Solid State Relay Programmable Controllers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP371F Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TLP371F Datasheet HTML 1Page - Toshiba Semiconductor TLP371F Datasheet HTML 2Page - Toshiba Semiconductor TLP371F Datasheet HTML 3Page - Toshiba Semiconductor TLP371F Datasheet HTML 4Page - Toshiba Semiconductor TLP371F Datasheet HTML 5Page - Toshiba Semiconductor TLP371F Datasheet HTML 6Page - Toshiba Semiconductor TLP371F Datasheet HTML 7Page - Toshiba Semiconductor TLP371F Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TLP371,TLP372
2007-10-01
6
IC – VCE
Collector
−emitter voltage VCE (V)
Ta = 25°C
0.6
140
120
100
80
60
40
20
0
0.8
1.0
1.2
1.4
1.6
1.8
2.0
10mA
4mA
2mA
1mA
IF = 0.5mA
IC – IF
Forward current IF (mA)
300
100
50
30
10
5
3
1
0.2
1
0.5
3
10
30
50
Ta = 25°C
VCE = 1.2V
1V
Switching Time – RL
1000
500
300
100
50
30
10
5
3
1
Load resistance RL (Ω)
10K
100
300 500
1K
3K
5K
50
30
Ta = 25°C
VCC = 10V
t
OFF (IF = 16mA)
t
OFF (IF = 1.6mA)
t
ON (IF = 1.6mA)
t
ON (IF = 16mA)
IC / IF – IF
Forward current IF (mA)
50000
30000
10000
5000
300
Ta = 25°C
500
100
3000
1000
0.3
1
3
5
10
30
50
0.5
VCE = 1.2V
1V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com