Electronic Components Datasheet Search
  English  ▼

X  

TLP371 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP371
Description  Office Machine Household Use Equipment Telecommunication Solid State Relay Programmable Controllers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP371 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP371 Datasheet HTML 1Page - Toshiba Semiconductor TLP371 Datasheet HTML 2Page - Toshiba Semiconductor TLP371 Datasheet HTML 3Page - Toshiba Semiconductor TLP371 Datasheet HTML 4Page - Toshiba Semiconductor TLP371 Datasheet HTML 5Page - Toshiba Semiconductor TLP371 Datasheet HTML 6Page - Toshiba Semiconductor TLP371 Datasheet HTML 7Page - Toshiba Semiconductor TLP371 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLP371,TLP372
2007-10-01
1
TOSHIBA Photocoupler GaAs Ired & Photo−Transistor
TLP371, TLP372
Office Machine
Household Use Equipment
Telecommunication
Solid State Relay
Programmable Controllers
The TOSHIBA TLP371 and TLP372 consists of a gallium arsenide
infrared emitting diode optically coupled to a darlington connected
photo−transistor which has an integrated base−emitter resistor to
optimize switching speed and elevated temperature characteristics in a
six lead plastic DIP package.
TLP372 is no−base internal connection for high−EMI environments.
• Current transfer ratio: 1000% (min) (IF = 1mA)
• Isolation voltage: 5000 Vrms (min)
• UL recognized: UL1577, file no. E67349
Pin Configurations (top view)
1
2
5
4
3
6
TLP371
1 : Anode
2 : Cathode
3 : NC
4 : Emitter
5 : Collector
6 : Base
1
2
5
4
3
6
TLP372
1 : Anode
2 : Cathode
3 : NC
4 : Emitter
5 : Collector
6 : NC
TOSHIBA
11
−7A8
Weight: 0.4g (typ.)
Unit in mm


Similar Part No. - TLP371

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP371 TOSHIBA-TLP371 Datasheet
189Kb / 8P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
25-Sep-2002
TLP371 TOSHIBA-TLP371 Datasheet
211Kb / 8P
GaAs Ired & Photo−Transistor
TLP371 TOSHIBA-TLP371_07 Datasheet
211Kb / 8P
GaAs Ired & Photo−Transistor
More results

Similar Description - TLP371

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3051 TOSHIBA-TLP3051 Datasheet
165Kb / 6P
Office Machine Household Use Equipment Triac Driver Solid State Relay
TLP762JF TOSHIBA-TLP762JF Datasheet
120Kb / 2P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
01-Jun-2001
TLP331 TOSHIBA-TLP331 Datasheet
192Kb / 8P
Office Machine Household Use Equipment Programmable Controllers AC / DC-Input Module Telecommunication
25-Sep-2002
TLP665G TOSHIBA-TLP665G Datasheet
144Kb / 6P
Office Machine Household Use Equipment Triac Driver Solid State Relay
TLP3061 TOSHIBA-TLP3061_07 Datasheet
156Kb / 6P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3061F TOSHIBA-TLP3061F_07 Datasheet
97Kb / 2P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3041 TOSHIBA-TLP3041_07 Datasheet
551Kb / 6P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3041F TOSHIBA-TLP3041F Datasheet
102Kb / 2P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3021 TOSHIBA-TLP3021_07 Datasheet
347Kb / 6P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3021F TOSHIBA-TLP3021F Datasheet
101Kb / 2P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com