Electronic Components Datasheet Search
  English  ▼

X  

AS5163 Datasheet(PDF) 2 Page - ams AG

Part # AS5163
Description  12-Bit Automotive Angle Position Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5163 Datasheet(HTML) 2 Page - ams AG

  AS5163 Datasheet HTML 1Page - ams AG AS5163 Datasheet HTML 2Page - ams AG AS5163 Datasheet HTML 3Page - ams AG AS5163 Datasheet HTML 4Page - ams AG AS5163 Datasheet HTML 5Page - ams AG AS5163 Datasheet HTML 6Page - ams AG AS5163 Datasheet HTML 7Page - ams AG AS5163 Datasheet HTML 8Page - ams AG AS5163 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
AS5163
12-Bit Automotive Angle Position Sensor
www.austriamicrosystems.com/AS5163
Revision 2.7
1 - 36
Datasheet
1 General Description
The AS5163 is a contactless magnetic angle position sensor for
accurate angular measurement over a full turn of 360º. A sub range
can be programmed to achieve the best resolution for the
application. It is a system-on-chip, combining integrated Hall
elements, analog front-end, digital signal processing and best in
class automotive protection features in a single device.
To measure the angle, only a simple two-pole magnet, rotating over
the center of the chip, is required. The magnet may be placed above
or below the IC.
The absolute angle measurement provides instant indication of the
magnet’s angular position with a resolution of 0.022º = 16384
positions per revolution. According to this resolution the adjustment
of the application specific mechanical positions are possible. The
angular output data is available over a 12-bit PWM signal or 12-bit
ratiometric analog output.
The AS5163 operates at a supply voltage of 5V and the supply and
output pins are protected against overvoltage up to +27V. In addition,
the supply pins are protected against reverse polarity up to -18V.
Figure 1. AS5163 Block Diagram
2 Key Features
360º contactless high resolution angular position encoding
User programmable start and end point of the application region
User programmable clamping levels and programming of the
transition point
Powerful analog output
- Short circuit monitor
- High driving capability for resistive and capacitive loads
Wide temperature range: -40ºC to +150ºC
Small Pb-free package: 14-pin TSSOP
Broken GND and VDD detection over a wide range of different
load conditions
3 Applications
The AS5163 is ideal for automotive applications like Throttle and
valve position sensing, Gearbox position sensor, Headlight position
control, Torque sensing, Pedal position sensing and non contact
Potentiometers.
GND
OUT
Sin
Cos
Single pin
Interface
12
OUT
Driver
KDOWN
High voltage/
Reverse polarity
protection
Angle
Programable
Angle
Zero
Position
VDD
VDD5
VDD3
12-bit
DAC
AS5163
OTP
Register
CORDIC
14-bit
Hall Array
Frontend
Amplifier
ADC
Output
DSP
12-bit
PWM
M
U
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com