Electronic Components Datasheet Search
  English  ▼

X  

AS5304 Datasheet(PDF) 6 Page - ams AG

Part # AS5304
Description  Magnetic Multipole Ring, MR20-44 Pole Length 2.0 mm, 44 Poles
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5304 Datasheet(HTML) 6 Page - ams AG

  AS5304_13 Datasheet HTML 1Page - ams AG AS5304_13 Datasheet HTML 2Page - ams AG AS5304_13 Datasheet HTML 3Page - ams AG AS5304_13 Datasheet HTML 4Page - ams AG AS5304_13 Datasheet HTML 5Page - ams AG AS5304_13 Datasheet HTML 6Page - ams AG AS5304_13 Datasheet HTML 7Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AS5304 Magnet Specification
2013-Sep [1-00]
page 6/7
Figure 4
Markings at the backside of the magnet
7
Mounting the Magnet Ring
As mentioned in chapter 5, the magnet ring has two markings, which represent the backside of the
ring. The front side should be facing the AS5304 IC with a gap of <lp/2 = <1.0mm.
The magnet ring may be mounted directly on magnetic or non-magnetic surfaces. When magnetic
surfaces are used, the ring may be mounted on top of the surface, but not immersed in a cavity, as
this may weaken the magnetic field of the magnet. When mounting the magnet on a non-magnetic
surface, either method is acceptable.
Depending on the carrier material, there are several adhesives available to glue the ring to the
surface. For general ruggedness and vibration demands, the use of two-component-adhesive
(binder + hardener) has proven to be successful in most cases.
For more rigid demands, magnet suppliers offer customized solutions where the magnet material is
directly overmolded on the carrier, e.g. a shaft, bushing, plate, etc.
Please contact your magnet supplier for more information. A list of recommended suppliers is
available for download on the ams website.
8
Magnet Supplier Information
Bomatec AG
Hofstrasse 1
CH-8181 Höri
Tel. +41 44 872 10 00
www.bomatec.ch



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com