Electronic Components Datasheet Search
  English  ▼

X  

AS5311 Datasheet(PDF) 10 Page - ams AG

Part # AS5311
Description  High Resolution Magnetic Linear Encoder
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5311 Datasheet(HTML) 10 Page - ams AG

Back Button AS5311_07 Datasheet HTML 6Page - ams AG AS5311_07 Datasheet HTML 7Page - ams AG AS5311_07 Datasheet HTML 8Page - ams AG AS5311_07 Datasheet HTML 9Page - ams AG AS5311_07 Datasheet HTML 10Page - ams AG AS5311_07 Datasheet HTML 11Page - ams AG AS5311_07 Datasheet HTML 12Page - ams AG AS5311_07 Datasheet HTML 13Page - ams AG AS5311_07 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
www.ams.com/AS5311
Revision 1.12
10 - 29
AS5311
Datasheet - D e t a il e d D es c r i pt io n
7 Detailed Description
The different types of outputs relative to the magnet position are outlined in Figure 3 below.
The absolute serial output counts from 0….4095 within one pole pair and repeats with each subsequent pole pair.
Likewise, the PWM output starts with a pulse width of 1µs, increases the pulse width with every step of 0.488µm and reaches a maximum pulse
width of 4097µs at the end of each pole pair.
An index pulse is generated once for every pole pair.
256 incremental pulses are generated at each output A and B for every pole pair. The outputs A and B are phase shifted by 90 electrical degrees,
which results in 1024 edges per pole pair. As the incremental outputs are also repeated with every pole pair, a constant train of pulses is
generated as the magnet moves over the chip.
Figure 3. AS5311 Outputs Relative to Magnet Position
S N S
N
S
N
S N S
N
S
N
0 … .. 4095 0 … .. 4095 0 … .. 4095 0 … .. 4095
absolute output : 0 … .. 4095
0 … .. 4095
Index : 1 pulse / polepair
A : 256 pulses / polepair
B : 256 pulses / polepair
A + B = 1024 steps / polepair
2mm
PWM output : 1 … . 4097µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com