Electronic Components Datasheet Search
  English  ▼

X  

AS8220 Datasheet(PDF) 29 Page - ams AG

Part # AS8220
Description  FlexRay Basis Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8220 Datasheet(HTML) 29 Page - ams AG

Back Button AS8220_07 Datasheet HTML 25Page - ams AG AS8220_07 Datasheet HTML 26Page - ams AG AS8220_07 Datasheet HTML 27Page - ams AG AS8220_07 Datasheet HTML 28Page - ams AG AS8220_07 Datasheet HTML 29Page - ams AG AS8220_07 Datasheet HTML 30Page - ams AG AS8220_07 Datasheet HTML 31Page - ams AG AS8220_07 Datasheet HTML 32Page - ams AG AS8220_07 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
www.austriamicrosystems.com
Revision 17920-001-10a
28 - 33
AS8220A
Objective Data Sheet - Appendix
tBIT
Bit time
-
-
tRxD_ASYM
Delay time from bus to RxD mismatch
dRxAsym
Receiver delay mismatch
| dBDRx10 – dBDRx01 |
tBUSIdleDetection
Idle detection time
dIdleDetection
Filter-time for idle detection
tBUSActivityDetection
Activity detection time
dActivityDetection
Filter-time for activity detection
tBUSIdleReaction
Idle reaction time
dBDRxai
Idle reaction time
tBUSActivityReaction
Activity reaction time
dBDRxia
Activity reaction time
Supply Voltage Monitor
VCCTHH
VCC undervoltage recovery threshold
--
VCCTHL
VCC undervoltage detection threshold
uUVCC
Undervoltage detection threshold
VIOTHH
VIO undervoltage recovery threshold
--
VIOTHL
VIO undervoltage detection threshold
uUVIO
Undervoltage detection threshold
tUV_DETECT
Detection time for undervoltage at
VCC, VIO
dUVCC, dUVIO
Undervoltage reaction time
tUV_REC
Detection time for undervoltage
recovery at VCC, VIO
--
Bus Error Detection
ITHL
Absolute bus current for low current
detection
--
ITHH
Absolute bus current for high current
detection
--
VSHORT
Differential voltage on BP and BM
for detecting short circuit between bus
lines
--
tBUS_ERROR
Bus error detection time
-
Detection only required while actively
transmitting a data frame, error
indication to host latest when
transmission stops.
Over Temperature
OTTH
Over temperature threshold
-
-
OTTL
Over temperature hysteresis
-
-
Communication Controller Interface
VTxDIH
Threshold for detecting TxD as on
logical high
uVIO-IN-HIGH
Threshold for detecting a digital input
as on logical high
Table 10. Comparison table
AS8220A Datasheet
FlexRay
Electrical Physical Layer Specification V2.1 RevB
Symbol
Parameter
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com