Electronic Components Datasheet Search
  English  ▼

X  

TCS3404 Datasheet(PDF) 29 Page - ams AG

Part # TCS3404
Description  DIGITAL COLOR SENSORS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3404 Datasheet(HTML) 29 Page - ams AG

Back Button TCS3404 Datasheet HTML 25Page - ams AG TCS3404 Datasheet HTML 26Page - ams AG TCS3404 Datasheet HTML 27Page - ams AG TCS3404 Datasheet HTML 28Page - ams AG TCS3404 Datasheet HTML 29Page - ams AG TCS3404 Datasheet HTML 30Page - ams AG TCS3404 Datasheet HTML 31Page - ams AG TCS3404 Datasheet HTML 32Page - ams AG TCS3404 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
TCS3404, TCS3414
DIGITAL COLOR SENSORS
TAOS137A − APRIL 2011
28
r
r
Copyright
E 2011, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
APPLICATION INFORMATION: SOFTWARE
SYNC IN
Integration
Period
INTERRUPT
AB
1N
NOTE: ADC_EN must be toggled (i.e. from high to low and back to high again) before next integration cycle
Figure 27. Integrate Over Two Pulses (SYNC_EDGE 0b, INTEG_MODE 11b, PARAM Xb) Falling Edge
1.
Enable ADC_EN (= 1)
2.
Set SYNC EDGE to 0
3.
Set PARAM for desired SYNC PULSE COUNT
4.
Set INTEG_MODE to 11b
5.
Input N external SYNC pulse(s)
6.
Disable SYNC and read channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com