Electronic Components Datasheet Search
  English  ▼

X  

TCS3471 Datasheet(PDF) 3 Page - ams AG

Part # TCS3471
Description  COLOR LIGHT-TO-DIGITAL CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3471 Datasheet(HTML) 3 Page - ams AG

  TCS3471 Datasheet HTML 1Page - ams AG TCS3471 Datasheet HTML 2Page - ams AG TCS3471 Datasheet HTML 3Page - ams AG TCS3471 Datasheet HTML 4Page - ams AG TCS3471 Datasheet HTML 5Page - ams AG TCS3471 Datasheet HTML 6Page - ams AG TCS3471 Datasheet HTML 7Page - ams AG TCS3471 Datasheet HTML 8Page - ams AG TCS3471 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TCS3471
COLOR LIGHT-TO-DIGITAL CONVERTER
TAOS115 − MARCH 2011
2
r
r
Copyright
E 2011, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Functional Block Diagram
SDA
VDD
INT
SCL
Wait Control
Clear ADC
Upper Limit
Lower Limit
Interrupt
GND
Red ADC
Green ADC
Blue ADC
Clear Data
Red Data
Green Data
Blue Data
RGBC Control
Blue
Green
Red
Clear
Detailed Description
The TCS3471 light-to-digital device contains a 4
× 4 photodiode array, integrating amplifiers, ADCs,
accumulators, clocks, buffers, comparators, a state machine, and an I2C interface. The 4
× 4 photodiode array
is composed of red-filtered, green-filtered, blue-filtered, and clear photodiodes — four of each type. Four
integrating ADCs simultaneously convert the amplified photodiode currents to a digital value providing up to 16
bits of resolution. Upon completion of the conversion cycle, the conversion result is transferred to the data
registers. The transfers are double-buffered to ensure that the integrity of the data is maintained.
Communication to the device is accomplished through a fast (up to 400 kHz), two-wire I2C serial bus for easy
connection to a microcontroller or embedded controller.
The TCS3471 provides a separate pin for level-style interrupts. When interrupts are enabled and a pre-set value
is exceeded, the interrupt pin is asserted and remains asserted until cleared by the controlling firmware. The
interrupt feature simplifies and improves system efficiency by eliminating the need to poll a sensor for a light
intensity value. An interrupt is generated when the value of an RGBC conversion exceeds either an upper or
lower threshold. In addition, a programmable interrupt persistence feature allows the user to determine how
many consecutive exceeded thresholds are necessary to trigger an interrupt.
Terminal Functions
TERMINAL
TYPE
DESCRIPTION
NAME
NO.
TYPE
DESCRIPTION
GND
3
Power supply ground. All voltages are referenced to GND.
INT
5
O
Interrupt — open drain.
NC
4
Do not connect
SCL
2
I
I2C serial clock input terminal — clock signal for I2C serial data.
SDA
6
I/O
I2C serial data I/O terminal — serial data I/O for I2C .
VDD
1
Supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com