Electronic Components Datasheet Search
  English  ▼

X  

TMD2671 Datasheet(PDF) 6 Page - ams AG

Part # TMD2671
Description  DIGITAL PROXIMITY DETECTOR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD2671 Datasheet(HTML) 6 Page - ams AG

Back Button TMD2671 Datasheet HTML 2Page - ams AG TMD2671 Datasheet HTML 3Page - ams AG TMD2671 Datasheet HTML 4Page - ams AG TMD2671 Datasheet HTML 5Page - ams AG TMD2671 Datasheet HTML 6Page - ams AG TMD2671 Datasheet HTML 7Page - ams AG TMD2671 Datasheet HTML 8Page - ams AG TMD2671 Datasheet HTML 9Page - ams AG TMD2671 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
TMD2671
DIGITAL PROXIMITY DETECTOR
TAOS144B − SEPTEMBER 2012
5
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
IR LED Characteristics, VDD = 3 V, TA = 255C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VF
Forward Voltage
IF = 20 mA
1.4
1.5
V
VR
Reverse Voltage
IR = 10 μA
5
V
PO
Radiant Power
IF = 20 mA
4.5
mW
λp
Peak Wavelength
IF = 20 mA
850
nm
Δλ
Spectral Radiation Bandwidth
IF = 20 mA
40
nm
TR
Optical Rise Time
IF = 100 mA, TW = 125 ns, duty cycle = 25%
20
40
ns
TF
Optical Fall Time
IF = 100 mA, TW = 125 ns, duty cycle = 25%
20
40
ns
Wait Characteristics, VDD = 3 V, TA = 255C, WEN = 1 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Wait step size
WTIME = 0xFF
2.72
2.9
ms
Wait number of integration steps
1
256
steps
AC Electrical Characteristics, VDD = 3 V, TA = 255C (unless otherwise noted)
PARAMETER†
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f(SCL)
Clock frequency (I2C only)
0
400
kHz
t(BUF)
Bus free time between start and stop condition
1.3
μs
t(HDSTA)
Hold time after (repeated) start condition. After
this period, the first clock is generated.
0.6
μs
t(SUSTA)
Repeated start condition setup time
0.6
μs
t(SUSTO)
Stop condition setup time
0.6
μs
t(HDDAT)
Data hold time
0
μs
t(SUDAT)
Data setup time
100
ns
t(LOW)
SCL clock low period
1.3
μs
t(HIGH)
SCL clock high period
0.6
μs
tF
Clock/data fall time
300
ns
tR
Clock/data rise time
300
ns
Ci
Input pin capacitance
10
pF
† Specified by design and characterization; not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com