Electronic Components Datasheet Search
  English  ▼

X  

AT24C164 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT24C164
Description  2-Wire Serial EEPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C164 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT24C164 Datasheet HTML 1Page - ATMEL Corporation AT24C164 Datasheet HTML 2Page - ATMEL Corporation AT24C164 Datasheet HTML 3Page - ATMEL Corporation AT24C164 Datasheet HTML 4Page - ATMEL Corporation AT24C164 Datasheet HTML 5Page - ATMEL Corporation AT24C164 Datasheet HTML 6Page - ATMEL Corporation AT24C164 Datasheet HTML 7Page - ATMEL Corporation AT24C164 Datasheet HTML 8Page - ATMEL Corporation AT24C164 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AT24C164
2
Block Diagram
Pin Description
SERIAL CLOCK (SCL): The SCL input is used to positive
edge clock data into each EEPROM device and negative
edge clock data out of each device.
SERIAL DATA (SDA): The SDA pin is bidirectional for
serial data transfer. This pin is open-drain driven and may
be wire-ORed with any number of other open-drain or open
collector devices.
DEVICE SELECT (A2, A1, A0): The A2, A1 and A0 pins
are device address inputs that may be hardwired or actively
driven to V
DD or VSS. These inputs allow the selection for
one of eight possible devices sharing a common bus. The
AT24C164 can be made compatible with the AT24C16 by
tying A2, A1 and A0 to V
SS. Device addressing is discussed
in detail in the device addressing section.
WRITE PROTECT (WP): The write protect input, when tied
low to GND, allows normal write operations.
Memory Organization
The AT24C164 is internally organized with 256 pages of
8 bytes each. Random word addressing requires an 11 bit
data word address.
Absolute Maximum Ratings*
Operating Temperature .................................. -55
°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Storage Temperature ..................................... -65
°C to +150°C
Voltage on Any Pin
with Respect to Ground .....................................-1.0V to +7.0V
Maximum Operating Voltage........................................... 6.25V
DC Output Current........................................................ 5.0 mA
WP



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com