Electronic Components Datasheet Search
  English  ▼

X  

AT24C21 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT24C21
Description  2-Wire Serial EEPROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C21 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT24C21 Datasheet HTML 1Page - ATMEL Corporation AT24C21 Datasheet HTML 2Page - ATMEL Corporation AT24C21 Datasheet HTML 3Page - ATMEL Corporation AT24C21 Datasheet HTML 4Page - ATMEL Corporation AT24C21 Datasheet HTML 5Page - ATMEL Corporation AT24C21 Datasheet HTML 6Page - ATMEL Corporation AT24C21 Datasheet HTML 7Page - ATMEL Corporation AT24C21 Datasheet HTML 8Page - ATMEL Corporation AT24C21 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Features
• 2-Wire Serial Interface
• Schmitt Trigger, Filtered Inputs For Noise Suppression
• DDC1™/ DDC2™ Interface Compliant for Monitor Identification
• Low Voltage Operation
– 2.5 (V
CC = 2.5V to 5.5V)
• Internally Organized 128 x 8
• 100 kHz (2.5V) Compatibility
• 8-Byte Page Write Mode
• Write Protection Available
• Self-timed Write Cycle (10 ms max)
• High Reliability
– Endurance: 1 Million Write Cycles
– Data Retention: 100 Years
– ESD Protection: >3000V
• 8-Pin PDIP and JEDEC SOIC Packages
Description
The AT24C21 provides 1024 bits of serial electrically erasable and programmable
read only memory (EEPROM) organized as 128 words of 8 bits each. The device is
optimized for use in applications requiring data storage and serial transmission of con-
figuration and control information. The AT24C21 features two modes of operation:
Transmit-Only Mode and Bidirectional Mode. Upon power-up, the AT24C21 will be in
the Transmit-Only Mode, sending a serial-bit stream of the entire memory contents,
clocked via the VCLK pin. The Bidirectional Mode is selected by a valid high-to-low
transition on the SCL pin and offers byte selectable read/write capability of the entire
memory array. The AT24C21 is available in space saving 8-pin PDIP and 8-pin SOIC
packages.
2-Wire Serial
EEPROM
1K (128 x 8)
AT24C21
Rev. 0405E–07/98
2-Wire, 1K
Serial EEPROM
Pin Configurations
Pin Name
Function
NC
No Connect
SDA
Serial Data
SCL
Serial Clock Input
(Bidirectional Mode)
VCLK
Serial Clock Input
(Transmit-Only Mode)
8-Pin PDIP
8-Pin SOIC


Similar Part No. - AT24C21

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C21 ATMEL-AT24C21 Datasheet
223Kb / 17P
2-wire Serial EEPROM
AT24C21-10PI-2.5 ATMEL-AT24C21-10PI-2.5 Datasheet
223Kb / 17P
2-wire Serial EEPROM
AT24C21-10SI-2.5 ATMEL-AT24C21-10SI-2.5 Datasheet
223Kb / 17P
2-wire Serial EEPROM
AT24C21 ATMEL-AT24C21_03 Datasheet
223Kb / 17P
2-wire Serial EEPROM
AT24C21 ATMEL-AT24C21_14 Datasheet
233Kb / 17P
Schmitt Trigger, Filtered Inputs For Noise Suppression
More results

Similar Description - AT24C21

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01 ATMEL-AT24C01 Datasheet
153Kb / 10P
2-Wire Serial EEPROM
AT24C01A ATMEL-AT24C01A Datasheet
260Kb / 24P
2-Wire Serial EEPROM
AT24C02A ATMEL-AT24C02A Datasheet
182Kb / 13P
2-Wire Serial EEPROM
AT24C164 ATMEL-AT24C164 Datasheet
188Kb / 11P
2-Wire Serial EEPROM
AT24C32 ATMEL-AT24C32 Datasheet
237Kb / 15P
2-Wire Serial EEPROM
AT24C512 ATMEL-AT24C512 Datasheet
249Kb / 12P
2-wire Serial EEPROM
AT24C32 ATMEL-AT24C32_03 Datasheet
207Kb / 19P
2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21_03 Datasheet
223Kb / 17P
2-wire Serial EEPROM
AT24C32C ATMEL-AT24C32C Datasheet
432Kb / 21P
2-Wire Serial EEPROM
logo
GTM CORPORATION
GP24BC01 GTM-GP24BC01 Datasheet
264Kb / 9P
2-WIRE SERIAL EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com