Electronic Components Datasheet Search
  English  ▼

X  

CAT809 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CAT809
Description  3-Pin Microprocessor Power Supply Supervisors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT809 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CAT809 Datasheet HTML 3Page - ON Semiconductor CAT809 Datasheet HTML 4Page - ON Semiconductor CAT809 Datasheet HTML 5Page - ON Semiconductor CAT809 Datasheet HTML 6Page - ON Semiconductor CAT809 Datasheet HTML 7Page - ON Semiconductor CAT809 Datasheet HTML 8Page - ON Semiconductor CAT809 Datasheet HTML 9Page - ON Semiconductor CAT809 Datasheet HTML 10Page - ON Semiconductor CAT809 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CAT803, CAT809, CAT810
http://onsemi.com
9
Table 5. ORDERING PART NUMBER
Order Number
Quantity
per Reel
(Note 5)
Package
Reset
Output
Top Mark
(Note 4)
Voltage
NiPdAu (Note 3)
Quantity
per Reel
(Note 5)
Package
Reset
Output
Matte−Tin
NiPdAu
Voltage
Matte−Tin
CAT810LSDI−GT3
CAT810LSDI−T3
4.63 V
VHA
VHT
CMOS /
Push−Pull
HIGH
SC70−3
3,000
CAT810MSDI−GT3
CAT810MSDI−T3
4.38 V
VHA
VHT
CAT810JSDI−GT3
CAT810JSDI−T3
4.00 V
VHA
VHT
CAT810TSDI−GT3
CAT810TSDI−T3
3.08 V
VHA
VHT
CAT810SSDI−GT3
CAT810SSDI−T3
2.93 V
VHA
VHT
CAT810RSDI−GT3
CAT810RSDI−T3
2.63 V
VHA
VHT
CAT810ZSDI−GT3
CAT810ZSDI−T3
2.32 V
VHA
VHT
CAT810LTBI−GT3
CAT810LTBI−T3
4.63 V
VHA
VHT
CMOS /
Push−Pull
HIGH
SOT−23−3
CAT810MTBI−GT3
CAT810MTBI−T3
4.38 V
VHA
VHT
CAT810JTBI−GT3
CAT810JTBI−T3
4.00 V
VHA
VHT
CAT810TTBI−GT3
CAT810TTBI−T3
3.08 V
VHA
VHT
CAT810STBI−GT3
CAT810STBI−T3
2.93 V
VHA
VHT
CAT810RTBI−GT3
CAT810RTBI−T3
2.63 V
VHA
VHT
CAT810ZTBI−GT3
CAT810ZTBI−T3
2.32 V
VHA
VHT
3. Not recommended for new designs.
4. Threshold and full part numbers will be provided on box and reel labels as well as all Shipping documents.
5. For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
6. For detailed information and a breakdown of device nomenclature and numbering systems, please see the ON Semiconductor Device
Nomenclature document, TND310/D, available at www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com