Electronic Components Datasheet Search
  English  ▼

X  

CAT3604A Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT3604A
Description  4-Channel Regulated Charge Pump White LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3604A Datasheet(HTML) 3 Page - ON Semiconductor

  CAT3604A Datasheet HTML 1Page - ON Semiconductor CAT3604A Datasheet HTML 2Page - ON Semiconductor CAT3604A Datasheet HTML 3Page - ON Semiconductor CAT3604A Datasheet HTML 4Page - ON Semiconductor CAT3604A Datasheet HTML 5Page - ON Semiconductor CAT3604A Datasheet HTML 6Page - ON Semiconductor CAT3604A Datasheet HTML 7Page - ON Semiconductor CAT3604A Datasheet HTML 8Page - ON Semiconductor CAT3604A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CAT3604A
http://onsemi.com
3
Table 2. ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
VIN, VOUT, LEDx voltage
−0.3 to 7.0
V
EN, CTRx voltage
−0.3 to VIN
V
RSET voltage
−0.3 to VIN
V
RSET current
±1
mA
Ambient Temperature Range
−40 to +85
_C
Storage Temperature Range
−65 to +160
_C
Lead Temperature
300
_C
ESD Rating HBM (Human Body Model)
2,000
V
ESD Rating MM (Machine Model) (Note 3)
200
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
3. Machine model is with 200 pF capacitor discharged directly into each pin.
Table 3. RECOMMENDED OPERATING CONDITIONS
Parameter
Range
Unit
VIN
3.0 to 5.5
V
Ambient Temperature Range
−40 to +85
_C
Input/Output/Bucket Capacitors
1 ±20% typical
mF
ILED per LED pin
0 to 30
mA
4. Typical application circuit with external components is shown on page 2.
Table 4. ELECTRICAL OPERATING CHARACTERISTICS
(Limits over recommended operating conditions unless specified otherwise. Typical values at TA = 25°C, VIN = 3.5 V, IRSET = 5 mA)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IQ
Quiescent Current
VEN = 0 V, Shutdown Mode
1x Mode, No Load
1.5x Mode, No Load
0.05
0.3
2.6
1
1
5
mA
mA
mA
VRSET
RSET Regulated Voltage
1.17
1.2
1.23
V
ILED
Programmed LED Current
IRSET = 5 mA
IRSET = 37 mA
IRSET = 78 mA
2.4
15.0
30.0
mA
ILED−ACC
LED Current Accuracy
0.5 mA ≤ ILED ≤ 3 mA
3 mA ≤ ILED ≤ 30 mA
±15
±5
%
ILED−DEV
LED Channel Matching
(ILED – ILEDAVG) / ILEDAVG
±3
%
ROUT
Output Resistance
(Open Loop)
1x Mode
1.5x Mode, IOUT = 100 mA
1.4
6.5
2.5
10
W
fOSC
Charge Pump Frequency
0.8
1.0
1.3
MHz
TDROPOUT
1x to 1.5x Mode Transition
Dropout Delay
0.4
0.6
0.9
ms
IEN−CTR
Input Leakage Current
On Inputs EN, CTR0, 1 & 2
0.001
1
mA
VEN−CTR
High Detect Threshold Low
On Inputs EN, CTR0, 1 & 2
0.4
0.8
1.3
V
ISC
Input Current Limit
VOUT = GND
30
45
60
mA
ILIM
Maximum Input Current
VOUT > 1 V
200
400
600
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com