Electronic Components Datasheet Search
  English  ▼

X  

DAC701 Datasheet(PDF) 5 Page - Texas Instruments

Part # DAC701
Description  Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC701 Datasheet(HTML) 5 Page - Texas Instruments

  DAC701 Datasheet HTML 1Page - Texas Instruments DAC701 Datasheet HTML 2Page - Texas Instruments DAC701 Datasheet HTML 3Page - Texas Instruments DAC701 Datasheet HTML 4Page - Texas Instruments DAC701 Datasheet HTML 5Page - Texas Instruments DAC701 Datasheet HTML 6Page - Texas Instruments DAC701 Datasheet HTML 7Page - Texas Instruments DAC701 Datasheet HTML 8Page - Texas Instruments DAC701 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
®
DAC701, 702, 703
PACKAGE/ORDERING INFORMATION
LINEARITY
GAIN
PACKAGE
ERROR, MAX
DRIFT,
DRAWING
OUTPUT
TEMPERATURE
AT+25
°C
MAX
PRODUCT
PACKAGE
NUMBER(1)
CONFIGURATION
RANGE
(% of FSR)
(ppm/
°C)
DAC703JP
24-Pin Plastic DIP
167
±1mA, ±10V
0
°C to +70°C
±0.006
±30
DAC703KP
24-Pin Plastic DIP
167
±1mA, ±10V
0
°C to +70°C
±0.003
±25
DAC701KH
24-Pin Ceramic DIP
165
0 to –2mA, 0 to +10V
0
°C to +70°C
±0.003
±25
DAC702KH
24-Pin Ceramic DIP
165
±1mA, ±10V
0
°C to +70°C
±0.003
±25
DAC703KH
24-Pin Ceramic DIP
165
±1mA, ±10V
0
°C to +70°C
±0.003
±25
DAC701BH
24-Pin Ceramic DIP
165
0 to –2mA, 0 to +10V
–25
°C to +85°C
±0.003
±15
DAC702BH
24-Pin Ceramic DIP
165
±1mA, ±10V
–25
°C to +85°C
±0.003
±15
DAC703BH
24-Pin Ceramic DIP
165
±1mA, ±10V
–25
°C to +85°C
±0.003
±15
DAC701LH
24-Pin Ceramic DIP
165
0 to –2mA, 0 to +10V
0
°C to +70°C
±0.0015
±10
DAC702LH
24-Pin Ceramic DIP
165
±1mA, ±10V
0
°C to +70°C
±0.0015
±10
DAC703LH
24-Pin Ceramic DIP
165
±1mA, ±10V
0
°C to +70°C
±0.0015
±10
DAC701CH
24-Pin Ceramic DIP
165
0 to –2mA, 0 to +10V
–25
°C to +85°C
±0.0015
±10
DAC702CH
24-Pin Ceramic DIP
165
±1mA, ±10V
–25
°C to +85°C
±0.0015
±10
DAC703CH
24-Pin Ceramic DIP
165
±1mA, ±10V
–25
°C to +85°C
±0.0015
±10
DAC701SH
24-Pin Ceramic DIP
165
0 to –2mA, 0 to +10V
–55
°C to +125°C
±0.003
±15
DAC702SH
24-Pin Ceramic DIP
165
±1mA, ±10V
–55
°C to +125°C
±0.003
±15
DAC703SH
24-Pin Ceramic DIP
165
±1mA, ±10V
–55
°C to +125°C
±0.003
±15
DAC703JU
24-Pin SOIC
239
±10V
0
°C to +70°C
±0.006
±30
DAC703KU
24-Pin SOIC
239
±10V
0
°C to +70°C
±0.003
±25
NOTE: (1) For detailed drawing and dimension table, please see end of data sheet, or Appendix C of Burr-Brown IC Data Book.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com