Electronic Components Datasheet Search
  English  ▼

X  

DAC707 Datasheet(PDF) 1 Page - Texas Instruments

Part # DAC707
Description  Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC707 Datasheet(HTML) 1 Page - Texas Instruments

  DAC707 Datasheet HTML 1Page - Texas Instruments DAC707 Datasheet HTML 2Page - Texas Instruments DAC707 Datasheet HTML 3Page - Texas Instruments DAC707 Datasheet HTML 4Page - Texas Instruments DAC707 Datasheet HTML 5Page - Texas Instruments DAC707 Datasheet HTML 6Page - Texas Instruments DAC707 Datasheet HTML 7Page - Texas Instruments DAC707 Datasheet HTML 8Page - Texas Instruments DAC707 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Microprocessor-Compatible
16-BIT DIGITAL-TO-ANALOG CONVERTERS
FEATURES
q TWO-CHIP CONSTRUCTION
q HIGH-SPEED 16-BIT PARALLEL, 8-BIT
(BYTE) PARALLEL, AND SERIAL INPUT
MODES
q DOUBLE-BUFFERED INPUT REGISTER
CONFIGURATION
q V
OUT AND IOUT MODELS
q HIGH ACCURACY:
Linearity Error
±0.003% of FSR max
Differential Linearity Error
±0.006% of FSR
max
q MONOTONIC (TO 14 BITS) OVER
SPECIFIED TEMPERATURE RANGE
q HERMETICALLY SEALED
q LOW COST PLASTIC VERSIONS
AVAILABLE (DAC707JP/KP)
DESCRIPTION
The DAC708 and DAC709 are 16-bit converters de-
signed to interface to an 8-bit microprocessor bus. 16-
bit data is loaded in two successive 8-bit bytes into
parallel 8-bit latches before being transferred into the
D/A latch. The DAC708 and DAC709 are current and
voltage output models respectively and are in 24-pin
hermetic DIPs. Input coding is Binary Two’s Comple-
ment (bipolar) or Unipolar Straight Binary (unipolar,
when an external logic inverter is used to invert the
MSB). In addition, the DAC708/709 can be loaded
serially (MSB first).
The DAC707 is designed to interface to a 16-bit bus.
Data is written into a 16-bit latch and subsequently the
D/A latch. The DAC707 has bipolar voltage output
and input coding is Binary Two’s Complement (BTC).
All models have Write and Clear control lines as well
as input latch enable lines. In addition, DAC708 and
DAC709 have Chip Select control lines. In the bipolar
mode, the Clear input sets the D/A latch to give zero
voltage or current output. They are all 14-bit accurate
and are complete with reference, and for the DAC707,
and DAC709, a voltage output amplifier. All models
are available with an optional burn-in screening.
DAC707/708/709 Block Diagram
High
Byte
Latch
Latch Enables/
Mode Select
Control
Logic
CLEAR
WRITE
CHIP SELECT
16-Bit
D/A
Con-
verter
DAC707 or DAC709
Only
Summing Junction (708, 709)
10V Range (708, 709)
V
OUT
Reference
Circuit
Bipolar
Offset
Low
Byte
Latch
D/A
Latch
Serial
(DAC708, 709)
8-Bit
(DAC708, 709)
or
16-Bit (DAC707)
Serial
Data
PDS-557H
®
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
DAC707
DAC708
DAC709
SBAS145


Similar Part No. - DAC707

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC707 BURR-BROWN-DAC707 Datasheet
149Kb / 11P
Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
DAC707JP BURR-BROWN-DAC707JP Datasheet
149Kb / 11P
Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
DAC707KP BURR-BROWN-DAC707KP Datasheet
149Kb / 11P
Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
DAC707KP-3 BURR-BROWN-DAC707KP-3 Datasheet
149Kb / 11P
Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC707SH TI-DAC707SH Datasheet
1Mb / 27P
Low-Power, Rail-to-Rail Output, 16-Bit Serial Input
More results

Similar Description - DAC707

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADC574A BURR-BROWN-ADC574A Datasheet
103Kb / 10P
Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
DAC707 BURR-BROWN-DAC707 Datasheet
149Kb / 11P
Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
DAC811 BURR-BROWN-DAC811 Datasheet
96Kb / 9P
Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC813 BURR-BROWN-DAC813 Datasheet
298Kb / 11P
Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
PCM54 BURR-BROWN-PCM54 Datasheet
83Kb / 7P
16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTERS
ADC674 BURR-BROWN-ADC674 Datasheet
56Kb / 6P
Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
logo
Exar Corporation
MP7626 EXAR-MP7626 Datasheet
118Kb / 12P
Microprocessor Compatible Buffered Multiplying 16-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC667 BURR-BROWN-DAC667 Datasheet
159Kb / 9P
Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC811 TI1-DAC811 Datasheet
273Kb / 14P
Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC813 TI1-DAC813 Datasheet
548Kb / 16P
Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com