Electronic Components Datasheet Search
  English  ▼

X  

DAC5687IPZPR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZPR
Description  16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZPR Datasheet(HTML) 14 Page - Texas Instruments

Back Button DAC5687IPZPR Datasheet HTML 10Page - Texas Instruments DAC5687IPZPR Datasheet HTML 11Page - Texas Instruments DAC5687IPZPR Datasheet HTML 12Page - Texas Instruments DAC5687IPZPR Datasheet HTML 13Page - Texas Instruments DAC5687IPZPR Datasheet HTML 14Page - Texas Instruments DAC5687IPZPR Datasheet HTML 15Page - Texas Instruments DAC5687IPZPR Datasheet HTML 16Page - Texas Instruments DAC5687IPZPR Datasheet HTML 17Page - Texas Instruments DAC5687IPZPR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 79 page
background image
www.ti.com
f − Frequency − MHz
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
18
23
28
33
38
43
G013
Carrier Power: −7.99 dBm
ACLR (5 MHz): 81.24 dB
ACLR (10 MHz): 83.79 dB
fdata = 122.88 MSPS
IF = 30.72 MHz
y4 Interpolation
f − Frequency − MHz
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
18
23
28
33
38
43
G014
Carrier Power: −7.99 dBm
ACLR (5 MHz): 75.8 dB
ACLR (10 MHz): 80.18 dB
fdata = 122.88 MSPS
IF = 30.72 MHz
y4 Interpolation
f − Frequency − MHz
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
80
85
90
95
100
105
G015
Carrier Power: −8.7 dBm
ACLR (5 MHz): 75.97 dB
ACLR (10 MHz): 77.47 dB
fdata = 122.88 MSPS
IF = 92.16 MHz
y4 Interpolation
CMIX
f − Frequency − MHz
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
80
85
90
95
100
105
G016
Carrier Power: −8.7 dBm
ACLR (5 MHz): 67.43 dB
ACLR (10 MHz): 73.21 dB
fdata = 122.88 MSPS
IF = 92.16 MHz
y4 Interpolation
CMIX
DAC5687
SLWS164E – FEBRUARY 2005 – REVISED SEPTEMBER 2006
Typical Characteristics (continued)
Figure 13. WCDMA TM1: Single Carrier, PLL Off,
Figure 14. WCDMA TM1: Single Carrier, PLL On,
DVDD = 1.8 V
DVDD = 1.8 V
Figure 15. WCDMA TM1: Single Carrier, PLL Off,
Figure 16. WCDMA TM1: Single Carrier, PLL On,
DVDD = 1.8 V
DVDD = 1.8 V
14
Submit Documentation Feedback
Copyright © 2005–2006, Texas Instruments Incorporated
Product Folder Link(s): DAC5687



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com