Electronic Components Datasheet Search
  English  ▼

X  

DAC707KP Datasheet(PDF) 3 Page - Texas Instruments

Part # DAC707KP
Description  Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC707KP Datasheet(HTML) 3 Page - Texas Instruments

  DAC707KP Datasheet HTML 1Page - Texas Instruments DAC707KP Datasheet HTML 2Page - Texas Instruments DAC707KP Datasheet HTML 3Page - Texas Instruments DAC707KP Datasheet HTML 4Page - Texas Instruments DAC707KP Datasheet HTML 5Page - Texas Instruments DAC707KP Datasheet HTML 6Page - Texas Instruments DAC707KP Datasheet HTML 7Page - Texas Instruments DAC707KP Datasheet HTML 8Page - Texas Instruments DAC707KP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
®
DAC707/708/709
PACKAGE DRAWING
PRODUCT
PACKAGE
NUMBER(1)
DAC707JP
28-Pin Plastic DBL Wide DIP
215
DAC707KP
28-Pin Plastic DBL Wide DIP
215
DAC707BH
28LD Side Brazed
149
Hermetic Dip
DAC707KH
28LD Side Brazed
149
Hermetic DIP
DAC707SH
28LD Side Brazed
149
Hermetic DIP
DAC708BH
24LD Side Brazed
165
Hermetic DIP
DAC708KH
24LD Side Brazed
165
Hermetic DIP
DAC708SH
24LD Side Brazed
165
Hermetic DIP
DAC709BH
24LD Side Brazed
165
Hermetic DIP
DAC709KH
24LD Side Brazed
165
Hermetic DIP
DAC709SH
24LD Side Brazed
165
Hermetic DIP
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.
DAC707/708/709KH,
DAC707/708/
DAC707JP
DAC707KP
709BH, SH
PRODUCT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
At T
A = +25°C, VCC = ±15V, VDD = +5V, and after a 10-minute warm-up, unless otherwise noted.
ELECTRICAL (CONT)
*Specification same as for models in column to the left.
NOTES: (1) MSB must be inverted externally prior to DAC708/709 input. (2) Digital inputs are TTL, LSTTL, 54/74C, 54/74HC and 54/74HTC compatible over the specified
temperature range. (3) DAC708 (current-output models) are specified and tested with an external output operational amplifier connected using the internal feedback
resistor in all tests. (4) FSR means Full Scale Range. For example, for
±10V output, FSR = 20V. (5) ±0.0015% of Full Scale Range is equal to 1 LSB in 16-bit resolution,
±0.003% of Full Scale Range is equal to 1 LSB in 15-bit resolution. ±0.006% of Full Scale Range is equal to 1 LSB in 14-bit resolution. (6) Error at input code 0000
H.
(For unipolar connection on DAC708/709, the MSB must be inverted externally prior to D/A input.) (7) Adjustable to zero with external trim potentiometer. Adjusting the
gain potentiometer rotates the transfer function around the bipolar zero point. (8) With gain and zero errors adjusted to zero at +25
°C. (9) Maximum represents the 3σ
limit. Not 100% tested for this parameter. (10) The bipolar worst-case code change is FFFFH to 0000H and 0000H to FFFFH. For unipolar (DAC708/709 only) it is 7FFFH
to 8000H and 8000H to 7FFFH.
POWER SUPPLY REQUIREMENTS
Voltage (all models): +VCC
+13.5
+15
+16.5
*
*
*
*
*
*
V
–VCC
–13.5
–15
–16.5
*
*
*
*
*
*
V
VDD
+4.5
+5
+5.5
*
*
*
*
*
*
V
Current (No Load, +15V Supplies)
Current Output Models: +VCC
+10
+25
*
*
mA
–VCC
–13
–25
*
*
mA
VDD
+5
+10
*
*
mA
Voltage Output Models: +VCC
+16
+30
*
*
*
*
mA
–VCC
–18
–30
*
*
*
*
mA
VDD
+5
+10
*
*
*
*
mA
Power Dissipation (
±15V supplies)
Current Output Models
370
800
*
*
mW
Voltage Output Models
535
*
950
*
*
mW
TEMPERATURE RANGE
Specification: BH Grades
–25
+85
°C
JP, KP, KH Grades
0
+70
*
*
°C
SH Grades
–55
+125
°C
Storage: Ceramic
–65
+150
–65
+150
°C
Plastic
–60
+100
*
*
°C
PACKAGE INFORMATION
ABSOLUTE MAXIMUM RATINGS
VDD to COMMON ........................................................................ 0V, +15V
+VCC to COMMON ..................................................................... 0V, +18V
–VCC to COMMON ...................................................................... 0V, –18V
Digital Data Inputs to COMMON ..................................... –0.5V, VDD +0.5
DC Current any input .....................................................................
±10mA
Reference Out to COMMON ...................... Indefinite Short to COMMON
VOUT (DAC707, DAC709) ........................... Indefinite Short to COMMON
External Voltage Applied to RF (pin 13 or 14, DAC708) .................. ±18V
External Voltage Applied to D/A Output
(pin 1, DAC707; pin 14, DAC709) .........................................................
±5V
Power Dissipation ........................................................................ 1000mW
Storage Temperature ..................................................... –60
°C to +150°C
Lead Temperature (soldering, 10s) ................................................. 300
°C
Stresses above those listed under “Absolute Maximum Ratings” may
cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com