Electronic Components Datasheet Search
  English  ▼

X  

DS90LV019 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DS90LV019
Description  DS90LV019 3.3V or 5V LVDS Driver/Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS90LV019 Datasheet(HTML) 3 Page - Texas Instruments

  DS90LV019 Datasheet HTML 1Page - Texas Instruments DS90LV019 Datasheet HTML 2Page - Texas Instruments DS90LV019 Datasheet HTML 3Page - Texas Instruments DS90LV019 Datasheet HTML 4Page - Texas Instruments DS90LV019 Datasheet HTML 5Page - Texas Instruments DS90LV019 Datasheet HTML 6Page - Texas Instruments DS90LV019 Datasheet HTML 7Page - Texas Instruments DS90LV019 Datasheet HTML 8Page - Texas Instruments DS90LV019 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage V
CC
6.0V
Enable Input Voltage (DE, RE)
−0.3V to (V
CC +0.3V)
Driver Input Voltage (D
IN)
−0.3V to (V
CC + 0.3V)
Receiver Output Voltage
(R
OUT)
−0.3V to (V
CC + 0.3V)
Driver Output Voltage (DO±)
−0.3V to +3.9V
Receiver Input Voltage (RI±)
−0.3V to (V
CC + 0.3V)
Driver Short Circuit Current
Continuous
ESD (Note 4)
(HBM, 1.5 k
Ω, 100 pF)
> 2.0 kV
(EIAJ, 0
Ω, 200 pF)
> 200 V
Maximum Package Power Dissipation at 25˚C
SOIC
960 mW
Derate SOIC Package
7.7mW/˚C
TSSOP
790 mW
Derate TSSOP Package
6.3mW/˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature
(Soldering, 4 sec.)
260˚C
Recommended Operating
Conditions
Min
Max
Units
Supply Voltage (V
CC) or
3.0
3.6
V
Supply Voltage (V
CC)
4.5
5.5
V
Receiver Input Voltage
0.0
2.4
V
Operating Free Air
Temperature T
A
−40
+85
˚C
DC Electrical Characteristics
T
A = −40˚C to +85˚C unless otherwise noted, VCC = 3.3 ± 0.3V. (Notes 2, 3)
Symbol
Parameter
Conditions
Pin
Min
Typ
Max
Units
DIFFERENTIAL DRIVER CHARACTERISTICS
V
OD
Output Differential Voltage
R
L = 100Ω (Figure 1)
DO+,
DO−
250
350
450
mV
∆V
OD
V
OD Magnitude Change
660
mV
V
OS
Offset Voltage
1
1.25
1.7
V
∆V
OS
Offset Magnitude Change
5
60
mV
I
OZD
TRI-STATE®Leakage
V
OUT =VCC or GND, DE = 0V
−10
±1
+10
µA
I
OXD
Power-Off Leakage
V
OUT = 3.6V or GND, VCC = 0V
−10
±1
+10
µA
I
OSD
Output Short Circuit Current
V
OUT = 0V, DE = VCC
−10
−6
−4
mA
DIFFERENTIAL RECEIVER CHARACTERISTICS
V
OH
Voltage Output High
VID = +100 mV
I
OH = −400 µA
R
OUT
2.9
3.3
V
Inputs Open
2.9
3.3
V
V
OL
Voltage Output Low
I
OL = 2.0 mA, VID = −100 mV
0.1
0.4
V
I
OS
Output Short Circuit Current
V
OUT = 0V
−75
−34
−20
mA
V
TH
Input Threshold High
RI+,
RI−
+100
mV
V
TH
Input Threshold Low
−100
mV
I
IN
Input Current
V
IN = +2.4V or 0V, VCC = 3.6V or
0V
−10
±1
+10
µA
DEVICE CHARACTERISTICS
V
IH
Minimum Input High Voltage
D
IN,
DE, RE
2.0
V
CC
V
V
IL
Maximum Input Low Voltage
GND
0.8
V
I
IH
Input High Current
V
IN =VCC or 2.4V
±1
±10
µA
I
IL
Input Low Current
V
IN = GND or 0.4V
±1
±10
µA
V
CL
Input Diode Clamp Voltage
I
CLAMP = −18 mA
−1.5
−0.7
V
I
CCD
Power Supply Current
DE = RE = V
CC
V
CC
9
12.5
mA
I
CCR
DE=RE=0V
4.5
7.0
mA
I
CCZ
DE = 0V, RE = V
CC
3.7
7.0
mA
I
CC
DE=V
CC,RE=0V
15
20
mA
C
D output
Capacitance
DO+,
DO−
5pF
C
R input
Capacitance
RI+,
RI−
5pF
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com