Electronic Components Datasheet Search
  English  ▼

X  

DAC701SH Datasheet(PDF) 1 Page - Texas Instruments

Part # DAC701SH
Description  Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC701SH Datasheet(HTML) 1 Page - Texas Instruments

  DAC701SH Datasheet HTML 1Page - Texas Instruments DAC701SH Datasheet HTML 2Page - Texas Instruments DAC701SH Datasheet HTML 3Page - Texas Instruments DAC701SH Datasheet HTML 4Page - Texas Instruments DAC701SH Datasheet HTML 5Page - Texas Instruments DAC701SH Datasheet HTML 6Page - Texas Instruments DAC701SH Datasheet HTML 7Page - Texas Instruments DAC701SH Datasheet HTML 8Page - Texas Instruments DAC701SH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
DAC701, 702, 703
Monolithic 16-Bit
DIGITAL-TO-ANALOG CONVERTERS
FEATURES
q V
OUT AND IOUT MODELS
q HIGH ACCURACY:
Linearity Error
±0.0015% of FSR max
Differential Linearity Error
±0.003% of FSR
max
DAC701
DAC702
DAC703
®
16-Bit
Ladder
Resistor
Network
And
Current
Switches
Digital
Inputs
Reference
Circuit
Reference Output
Summing Junction
Output
Common
Gain Adjust
+V
–V
V
CC
CC
DD
Voltage Models
Only
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
q MONOTONIC (at 15 bits) OVER FULL
SPECIFICATION TEMPERATURE RANGE
q PIN-COMPATIBLE WITH DAC70, DAC71,
DAC72
q DUAL-IN-LINE PLASTIC AND HERMETIC
CERAMIC AND SOIC
DESCRIPTION
The DAC70X family comprise of complete 16-bit
digital-to-analog converters that includes a precision
buried-zener voltage reference and a low-noise, fast-
settling output operational amplifier (voltage output
models), all on one small monolithic chip. A combina-
tion of current-switch design techniques accomplishes
not only 15-bit monotonicity over the entire specified
temperature range, but also a maximum end-point
linearity error of
±0.0015% of full-scale range. Total
full-scale gain drift is limited to
±10ppm/°C maximum
(LH and CH grades).
Digital inputs are complementary binary coded and
are TTL-, LSTTL-, 54/74C- and 54/74HC-compatible
over the entire temperature range. Outputs of 0 to
+10V,
±10V, 0 to –2mA, and ±1mA are available.
These D/A converters are packaged in hermetic 24-pin
ceramic side-brazed or molded plastic. The DIP-pack-
aged parts are pin-compatible with the voltage and
current output DAC71 and DAC72 model families.
The DAC702 is also pin-compatible with the DAC70
model family. In addition, the DAC703 is offered in a
24-pin SOIC package for surface mount applications.
© 1983 Burr-Brown Corporation
PDS-494M
Printed in U.S.A. March, 1998
DAC701
DAC702
DAC703
SBAS143


Similar Part No. - DAC701SH

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC701SH BURR-BROWN-DAC701SH Datasheet
301Kb / 12P
Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - DAC701SH

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC707 BURR-BROWN-DAC707 Datasheet
149Kb / 11P
Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
PCM54 BURR-BROWN-PCM54 Datasheet
83Kb / 7P
16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTERS
logo
List of Unclassifed Man...
DAC-HP ETC-DAC-HP Datasheet
136Kb / 4P
16-Bit, High-Performance Digital-to-Analog Converters
logo
Burr-Brown (TI)
DAC70 BURR-BROWN-DAC70 Datasheet
481Kb / 10P
Monlithic 16-bit digital-to-analog converters
DAC701 BURR-BROWN-DAC701 Datasheet
301Kb / 12P
Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Murata Power Solutions ...
DAC-HP16BGC MURATA-PS-DAC-HP16BGC Datasheet
139Kb / 4P
16-Bit, High-Performance Digital-to-Analog Converters
logo
Texas Instruments
DAC80P TI-DAC80P Datasheet
190Kb / 10P
Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
DAC707KH TI-DAC707KH Datasheet
121Kb / 13P
Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Maxim Integrated Produc...
MAX1167BE MAXIM-MAX1167BE Datasheet
348Kb / 30P
Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com