Electronic Components Datasheet Search
  English  ▼

X  

TSL230ARD Datasheet(PDF) 4 Page - ams AG

Part # TSL230ARD
Description  PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL230ARD Datasheet(HTML) 4 Page - ams AG

  TSL230ARD Datasheet HTML 1Page - ams AG TSL230ARD Datasheet HTML 2Page - ams AG TSL230ARD Datasheet HTML 3Page - ams AG TSL230ARD Datasheet HTML 4Page - ams AG TSL230ARD Datasheet HTML 5Page - ams AG TSL230ARD Datasheet HTML 6Page - ams AG TSL230ARD Datasheet HTML 7Page - ams AG TSL230ARD Datasheet HTML 8Page - ams AG TSL230ARD Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TSL230RD, TSL230ARD, TSL230BRD
PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
TAOS054P − OCTOBER 2007
3
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
Electrical Characteristics at TA = 25°C, VDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = −4 mA
4
4.5
V
VOL
Low-level output voltage
IOL = 4 mA
0.25
0.4
V
IIH
High-level input current
5
μA
IIL
Low-level input current
5
μA
I
Supply current
Power-on mode
2
3
mA
IDD
Supply current
Power-down mode
5
12
μA
F.S.
Full-scale frequency (See Note 3)
S0=S1=H, S2=S3=L
1.1
MHz
Temperature coefficient of output frequency
λ ≤ 700 nm (See Note 4)
± 200
ppm/°C
kSVS
Supply voltage sensitivity
VDD = 5 V ±10%
± 0.5
%/ V
NOTES: 3. Full-scale frequency is the maximum operating frequency of the device without saturation.
4. The temperature coefficient of output frequency is measured with constant irradiance as the temperature is varied between −25°C
and 70°C. The constant irradiance is sufficiently high that the output frequency is much greater than the dark frequency over the
entire temperature range.
Operating Characteristics at VDD = 5 V, TA = 25°C, Ee = 126 μW/cm2, λp = 640 nm (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
TSL230RD
TSL230ARD
TSL230BRD
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
S0 = S1 = H,
S2 = S3 = L
80
100
120
85
100
115
90
100
110
S1 = H,
S0 = S2 = S3 = L
8
10
12
8.5
10
11.5
9
10
11
fO
Output frequency
S0 = H,
S1 = S2 = S3 = L
0.8
1
1.2
0.85
1
1.15
0.9
1
1
kHz
fO
Output frequency
S0 = S1 = S2 = H,
S3 = L
40
50
60
42.5
50
57.5
45
50
55
kHz
S0 = S1 = S3 = H,
S2 = L
8
10
12
8.5
10
11.5
9
10
11
S0 = S1 = S2 = S3 = H
0.8
1
1.2
0.85
1
1.15
0.9
1
1.1
fD
Dark frequency
Ee = 0, S0 = S1 = H,
S2 = S3 = L
0.4
10
0.4
10
0.4
10
Hz
Re
Responsivity
S0 = S1 = H,
S2 = S3 = L
0.79
0.79
0.79
kHz/
(μW/
cm2)
t
Output pulse
S2 = S3 = L
125
600
125
600
125
600
ns
tw
Output pulse
duration
S2 or S3 = H
1/2fO
1/2fO
1/2fO
s
fO = 0 MHz to 10 kHz
± 0.1%
± 0.1%
± 0.1%
Nonlinearity
(See Notes 5 and 6)
fO = 0 MHz to 100 kHz
± 0.2%
± 0.2%
± 0.2%
%F.S.
(See Notes 5 and 6)
fO = 0 MHz to 1 MHz
± 0.5%
± 0.5%
± 0.5%
%F.S.
Recovery from power down
100
100
100
μs
Step response to full-scale step input
1 pulse of new frequency plus 1 μs
Response time to programming change
2 periods of new principal frequency plus 1 μs (Note 7)
Response time to output enable (OE)
50
150
50
150
50
150
ns
NOTES: 5. Nonlinearity is defined as the deviation of fO from a straight line between zero and full scale, expressed as a percent of full scale.
6. Nonlinearity test condition: S0 = S1 = H, S2 = S3 = L.
7. Principal frequency is the internal oscillator frequency, equivalent to divide-by-1 output selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com