Electronic Components Datasheet Search
  English  ▼

X  

TSL245 Datasheet(PDF) 5 Page - ams AG

Part # TSL245
Description  INFRARED LIGHT-TO-FREQUENCY CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL245 Datasheet(HTML) 5 Page - ams AG

  TSL245 Datasheet HTML 1Page - ams AG TSL245 Datasheet HTML 2Page - ams AG TSL245 Datasheet HTML 3Page - ams AG TSL245 Datasheet HTML 4Page - ams AG TSL245 Datasheet HTML 5Page - ams AG TSL245 Datasheet HTML 6Page - ams AG TSL245 Datasheet HTML 7Page - ams AG TSL245 Datasheet HTML 8Page - ams AG TSL245 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TSL245R
INFRARED LIGHT-TO-FREQUENCY CONVERTER
TAOS060D − SEPTEMBER 2007
4
r
r
Copyright E 2007, TAOS Inc.
The LUMENOLOGY r Company
www.taosinc.com
APPLICATION INFORMATION
Power-supply considerations
Power-supply lines must be decoupled by a 0.01-μF to 0.1-μF capacitor with short leads placed close to the
TSL245R (Figure 5). A low-noise power supply is required to minimize jitter on output pulse.
TSL245R
Timer / Port
MCU
0.1 μF
VDD
2
3
1
Figure 5. Typical TSL245R Interface to a Microcontroller
Device Operational Details
The frequency at the output pin (OUT) is given by:
fO = fD + (Re) (Ee)
where:
fO
is the output frequency
fD
is the output frequency for dark condition (Ee = 0)
Re
is the device responsivity for a given wavelength of light given in kHz/(μW/cm2)
Ee
is the incident irradiance in μW/cm2
fD is an output frequency resulting from leakage currents. As shown in the equation above, this frequency
represents a light-independent term in the total output frequency fO. At very low light levels, this dark frequency
can be a significant portion of fO. The dark frequency is temperature dependent. For optimum performance of
any given device over the full output range, the value of fD should be measured (in the absence of light) and
later subtracted from subsequent light measurement (see Figure 1).
Output interface
The output of the device is designed to drive a standard TTL or CMOS logic input over short distances. If lines
greater than 12 inches are used on the output, a buffer or line driver is recommended.
Measuring the frequency
The choice of interface and measurement technique depends on the desired resolution and data-acquisition
rate. For maximum data-acquisition rate, period-measurement techniques are used.
Period measurement requires the use of a fast reference clock with available resolution directly related to
reference-clock rate. The technique is employed to measure rapidly varying light levels or to make a fast
measurement of a constant light source.
Maximum resolution and accuracy may be obtained using frequency-measurement, pulse-accumulation,
or integration techniques. Frequency measurements provide the added benefit of averaging out random- or
high-frequency variations (jitter) resulting from noise in the light signal. Resolution is limited mainly by available
counter registers and allowable measurement time. Frequency measurement is well suited for slowly varying
or constant light levels and for reading average light levels over short periods of time. Integration, the
accumulation of pulses over a very long period of time, can be used to measure exposure — the amount of light
present in an area over a given time period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com