Electronic Components Datasheet Search
  English  ▼

X  

TSL250R Datasheet(PDF) 2 Page - ams AG

Part # TSL250R
Description  LIGHT-TO-VOLTAGE OPTICAL SENSORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL250R Datasheet(HTML) 2 Page - ams AG

  TSL250R Datasheet HTML 1Page - ams AG TSL250R Datasheet HTML 2Page - ams AG TSL250R Datasheet HTML 3Page - ams AG TSL250R Datasheet HTML 4Page - ams AG TSL250R Datasheet HTML 5Page - ams AG TSL250R Datasheet HTML 6Page - ams AG TSL250R Datasheet HTML 7Page - ams AG TSL250R Datasheet HTML 8Page - ams AG TSL250R Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TSL250R, TSL251R, TSL252R
LIGHT-TO-VOLTAGE OPTICAL SENSORS
TAOS028H − SEPTEMBER 2007
1
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
D Monolithic Silicon IC Containing
Photodiode, Operational Amplifier, and
Feedback Components
D Converts Light Intensity to a Voltage
D High Irradiance Responsivity, Typically
137 mV/(mW/cm2) at lp = 635 nm (TSL250R)
D Compact 3-Lead Clear Plastic Package
D Single Voltage Supply Operation
D Low Dark (Offset) Voltage....10 mV Max
D Low Supply Current......1.1 mA Typical
D Wide Supply-Voltage Range.... 2.7 V to 5.5 V
D Replacements for TSL250, TSL251, and
TSL252
D RoHS Compliant (−LF Package Only)
Description
The TSL250R, TSL251R, and TSL252R are light-to-voltage optical sensors, each combining a photodiode and
a transimpedance amplifier (feedback resistor = 16 MΩ, 8 MΩ, and 2.8 MΩ respectively) on a single monolithic
IC. Output voltage is directly proportional to the light intensity (irradiance) on the photodiode. These devices
have improved amplifier offset-voltage stability and low power consumption and are supplied in a 3-lead clear
plastic sidelooker package with an integral lens. When supplied in the lead (Pb) free package, the device is
RoHS compliant.
Functional Block Diagram
Voltage
Output
+
−
Available Options
DEVICE
TA
PACKAGE − LEADS
PACKAGE DESIGNATOR ORDERING NUMBER
TSL250R
0°C to 70°C
3-lead Sidelooker
S
TSL250R
TSL250R
0°C to 70°C
3-lead Sidelooker — Lead (Pb) Free
S
TSL250R−LF
TSL250R
0°C to 70°C
3-lead Surface-Mount Sidelooker — Lead (Pb) Free
SM
TSL250RSM−LF
TSL251R
0°C to 70°C
3-lead Sidelooker
S
TSL251R
TSL251R
0°C to 70°C
3-lead Sidelooker — Lead (Pb) Free
S
TSL251R−LF
TSL251R
0°C to 70°C
3-lead Surface-Mount Sidelooker — Lead (Pb) Free
SM
TSL251RSM−LF
TSL252R
0°C to 70°C
3-lead Sidelooker
S
TSL252R
TSL252R
0°C to 70°C
3-lead Sidelooker — Lead (Pb) Free
S
TSL252R−LF
TSL252R
0°C to 70°C
3-lead Surface-Mount Sidelooker — Lead (Pb) Free
SM
TSL252RSM−LF
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road S Suite 300 S Plano, TX 75074 S (972) 673-0759
PACKAGE S
SIDELOOKER
(FRONT VIEW)
1
GND
2
VDD
3
OUT
PACKAGE SM
SURFACE MOUNT
SIDELOOKER
(FRONT VIEW)
1
GND
2
VDD
3
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com