Electronic Components Datasheet Search
  English  ▼

X  

TSL267 Datasheet(PDF) 7 Page - ams AG

Part # TSL267
Description  HIGH-SENSITIVITY IR LIGHT-TO-VOLTAGE CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL267 Datasheet(HTML) 7 Page - ams AG

  TSL267 Datasheet HTML 1Page - ams AG TSL267 Datasheet HTML 2Page - ams AG TSL267 Datasheet HTML 3Page - ams AG TSL267 Datasheet HTML 4Page - ams AG TSL267 Datasheet HTML 5Page - ams AG TSL267 Datasheet HTML 6Page - ams AG TSL267 Datasheet HTML 7Page - ams AG TSL267 Datasheet HTML 8Page - ams AG TSL267 Datasheet HTML 9Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TSL267
HIGH-SENSITIVITY
IR LIGHT-TO-VOLTAGE CONVERTER
TAOS033E − SEPTEMBER 2007
6
r
r
Copyright E 2007, TAOS Inc.
The LUMENOLOGY r Company
www.taosinc.com
MECHANICAL DATA
The device is supplied in a visible light-blocking plastic three-lead through-hole sidelooker package (S).
PACKAGE S
PLASTIC SINGLE-IN-LINE SIDE-LOOKER PACKAGE
1.64
2.60
2.30
4.60
R 0.90
1.80
0.42
1
2
y 2
0.47 TYP
TOP VIEW
SIDE VIEW
FRONT VIEW
0.42
1.56
14.86 + 0.50
4.60
0.15
Note B
Lead Free
Available
Pb
NOTES: A. All linear dimensions are in millimeters; tolerance is ± 0.25 mm unless otherwise stated.
B. Dimension is to center of lens arc, which is located below the package face.
C. The integrated photodiode active area is round with a typical diameter of 0.75 mm and is typically located in the center of the lens
and 0.97 mm below the top of the lens surface.
D. Lead finish for TSL267: solder dipped, 63% Sn/37% Pb. Lead finish for TSL267−LF: solder dipped, 100% Sn..
E. This drawing is subject to change without notice.
Figure 7. Package S — Single-In-Line Side-Looker Package Configuration



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com