Electronic Components Datasheet Search
  English  ▼

X  

TSL262R Datasheet(PDF) 9 Page - ams AG

Part # TSL262R
Description  INFRARED LIGHT-TO-VOLTAGE OPTICAL SENSORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL262R Datasheet(HTML) 9 Page - ams AG

Back Button TSL262R Datasheet HTML 5Page - ams AG TSL262R Datasheet HTML 6Page - ams AG TSL262R Datasheet HTML 7Page - ams AG TSL262R Datasheet HTML 8Page - ams AG TSL262R Datasheet HTML 9Page - ams AG TSL262R Datasheet HTML 10Page - ams AG TSL262R Datasheet HTML 11Page - ams AG TSL262R Datasheet HTML 12Page - ams AG TSL262R Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TSL260R, TSL261R, TSL262R
INFRARED LIGHT-TO-VOLTAGE OPTICAL SENSORS
TAOS049E −SEPTEMBER 2007
8
r
r
Copyright E 2007, TAOS Inc.
The LUMENOLOGY r Company
www.taosinc.com
APPLICATION INFORMATION
NOTE A: Single-channel remote control can be used to switch logic or light dc loads by way of U5 or ac loads by way of the optocoupler and
triac as shown. Applications include ceiling fans, lamps, electric heaters, etc.
† OPTEK part number
D1
BN301†
9 V
3
1
C1
1 μF
+
Q1
2N3904
3
1
2
R2
1 kΩ
R3
22 Ω
R1
680 Ω
5
7
6
2
84
TRANSMITTER
U1
TLC555
S1
15
13
3
1
16
4
C3
1 μF
+
+
7
1
C2
0.1 μF
2
3
IN
OUT
COM
6 V
R4
180 Ω
AC Load
J1
2
3
1
6
4
1
2
R8
300 Ω
R7
4.7 kΩ
8
1
6
2
5
3
4
6 V
6 V
C5
0.1 μF
R5
7.5 kΩ
R6
4.7 kΩ
C4
4.7 μF
6 V
1
2
3
120 V
60 Hz
PRE
VCC CLR
J
CLK
K
GND
Q
R9
1 kΩ
Q3
2N3904
5
2
TIL3010
U3
U2
NE567
U4
TSL260R
Sensor
U5
1/2 SN74HC76
To Sensor
Q2
TIC225C
RECEIVER
Freq
Trim
Figure 11. IR Remote Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com