Electronic Components Datasheet Search
  English  ▼

X  

TSL2563 Datasheet(PDF) 18 Page - ams AG

Part # TSL2563
Description  LOW-VOLTAGE LIGHT-TO-DIGITAL CONVERTER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2563 Datasheet(HTML) 18 Page - ams AG

Back Button TSL2563 Datasheet HTML 14Page - ams AG TSL2563 Datasheet HTML 15Page - ams AG TSL2563 Datasheet HTML 16Page - ams AG TSL2563 Datasheet HTML 17Page - ams AG TSL2563 Datasheet HTML 18Page - ams AG TSL2563 Datasheet HTML 19Page - ams AG TSL2563 Datasheet HTML 20Page - ams AG TSL2563 Datasheet HTML 21Page - ams AG TSL2563 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
TSL2562, TSL2563
LOW-VOLTAGE
LIGHT-TO-DIGITAL CONVERTER
TAOS066N − AUGUST 2010
17
The LUMENOLOGY
r Company
r
r
Copyright
E 2010, TAOS Inc.
www.taosinc.com
Table 9. Interrupt Control Select
INTR FIELD VALUE
READ VALUE
00
Interrupt output disabled
01
Level Interrupt
10
SMBAlert compliant
11
Test Mode: Sets interrupt and functions as mode 10
NOTE: Field value of 11 may be used to test interrupt connectivity in a system or to assist in debugging interrupt service routine software.
Table 10. Interrupt Persistence Select
PERSIST FIELD VALUE
INTERRUPT PERSIST FUNCTION
0000
Every ADC cycle generates interrupt
0001
Any value outside of threshold range
0010
2 integration time periods out of range
0011
3 integration time periods out of range
0100
4 integration time periods out of range
0101
5 integration time periods out of range
0110
6 integration time periods out of range
0111
7 integration time periods out of range
1000
8 integration time periods out of range
1001
9 integration time periods out of range
1010
10 integration time periods out of range
1011
11 integration time periods out of range
1100
12 integration time periods out of range
1101
13 integration time periods out of range
1110
14 integration time periods out of range
1111
15 integration time periods out of range
ID Register (Ah)
The ID register provides the value for both the part number and silicon revision number for that part number.
It is a read-only register, whose value never changes.
Table 11. ID Register
6
75
4
REVNO
2
31
0
−
−−
−
−
−−
−
Reset Value:
ID
PARTNO
Ah
FIELD
BITS
DESCRIPTION
PARTNO
7:4
Part Number Identification: field value 0010 = TSL2562, field value 0011 = TSL2563
REVNO
3:0
Revision number identification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com