Electronic Components Datasheet Search
  English  ▼

X  

TSL2572 Datasheet(PDF) 8 Page - ams AG

Part # TSL2572
Description  LIGHT-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2572 Datasheet(HTML) 8 Page - ams AG

Back Button TSL2572 Datasheet HTML 4Page - ams AG TSL2572 Datasheet HTML 5Page - ams AG TSL2572 Datasheet HTML 6Page - ams AG TSL2572 Datasheet HTML 7Page - ams AG TSL2572 Datasheet HTML 8Page - ams AG TSL2572 Datasheet HTML 9Page - ams AG TSL2572 Datasheet HTML 10Page - ams AG TSL2572 Datasheet HTML 11Page - ams AG TSL2572 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
TSL2572
LIGHT-TO-DIGITAL CONVERTER
TAOS132 − MARCH 2012
7
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
PRINCIPLES OF OPERATION
System State Machine
An internal state machine provides system control of the ALS and wait timer features of the device. At power
up, an internal power-on-reset initializes the device and puts it in a low-power Sleep state.
When a start condition is detected on the I2C bus, the device transitions to the Idle state where it checks the
Enable register (0x00) PON bit. If PON is disabled, the device will return to the Sleep state to save power.
Otherwise, the device will remain in the Idle state until the ALS function is enabled. Once enabled, the device
will execute the Wait and ALS states in sequence as indicated in Figure 6. Upon completion and return to Idle,
the device will automatically begin a new Wait-ALS cycle as long as PON and AEN remain enabled.
If the ALS function generates an interrupt and the Sleep-After-Interrupt (SAI) feature is enabled, the device will
transition to the Sleep state and remain in a low-power mode until an I2C command is received. See the
Interrupts section for additional information.
!WEN
& AEN
Sleep
Idle
ALS
Wait
I2C
Start
!PON
INT & SAI
WEN &
AEN
Figure 6. Simplified State Diagram
Photodiodes
Conventional ALS detectors respond strongly to infrared light, which the human eye does not see. This can lead
to significant error when the infrared content of the ambient light is high (such as with incandescent lighting).
This problem is overcome through the use of two photodiodes. The Channel 0 photodiode, referred to as the
CH0 channel, is sensitive to both visible and infrared light, while the Channel 1 photodiode, referred to as CH1,
is sensitive primarily to infrared light. Two integrating ADCs convert the photodiode currents to digital outputs.
The ADC digital outputs from the two channels are used in a formula to obtain a value that approximates the
human eye response in units of lux.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com