Electronic Components Datasheet Search
  English  ▼

X  

TSL2772 Datasheet(PDF) 6 Page - ams AG

Part # TSL2772
Description  LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2772 Datasheet(HTML) 6 Page - ams AG

Back Button TSL2772 Datasheet HTML 2Page - ams AG TSL2772 Datasheet HTML 3Page - ams AG TSL2772 Datasheet HTML 4Page - ams AG TSL2772 Datasheet HTML 5Page - ams AG TSL2772 Datasheet HTML 6Page - ams AG TSL2772 Datasheet HTML 7Page - ams AG TSL2772 Datasheet HTML 8Page - ams AG TSL2772 Datasheet HTML 9Page - ams AG TSL2772 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
TSL2772
LIGHT-TO-DIGITAL CONVERTER
with PROXIMITY SENSING
TAOS131 − DECEMBER 2011
5
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
Proximity Characteristics, VDD = 3 V, TA = 255C, PGAIN = 1y, PEN = 1 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDD
Supply current
LDR pulse on
3
mA
ADC conversion time step size
PTIME = 0xFF
2.58
2.73
2.9
ms
ADC number of integration steps
(Note 1)
1
256
steps
ADC counts per step (Note 1)
PTIME = 0xFF
0
1023
counts
ADC count value
λp = 850 nm, Ee = 263.4 μW/cm2,
CH0 diode
1500
2000
2500
counts
ADC count value
λp = 850 nm, Ee = 263.4 μW/cm ,
PTIME = 0xFB, PPULSE = 4
CH1 diode
900
1200
1500
counts
ADC output responsivity
λ
850 nm PTIME
0xFB PPULSE
1
CH0 diode
1.90
counts/
ADC output responsivity
λp = 850 nm, PTIME = 0xFB, PPULSE = 1
CH1 diode
1.14
counts/
μW/cm2
Gi
li
lti
t 1
× i
PGAIN = 2
×
2
Gain scaling, relative to 1
× gain
PGAIN
4
×
4
×
Gain scaling, relative to 1
× gain
setting
PGAIN = 4
×
4
×
setting
PGAIN = 8
×
8
×
Noise (Notes 1 2 3)
Ee = 0, PTIME = 0xFB, PPULSE = 4
CH0 diode
0.5
%FS
Noise (Notes 1, 2, 3)
Ee = 0, PTIME = 0xFB, PPULSE = 4
(Note 6)
CH1 diode
0.5
% FS
LED pulse count (Note 1)
0
255
pulses
LED pulse period
16.0
μs
LED pulse width — LED on time
7.3
μs
120 mA: PDRIVE = 0 & PDL = 0
87
116
145
60 mA: PDRIVE = 1 & PDL = 0
58
30 mA: PDRIVE = 2 & PDL = 0
29
LED drive current
ISINK sink current @
15 mA: PDRIVE = 3 & PDL = 0
14.5
mA
LED drive current
ISINK sink current @
1.6 V, LDR pin
15 mA: PDRIVE = 0 & PDL = 1
12.9
mA
7.5 mA: PDRIVE = 1 & PDL = 1
6.4
3.8 mA: PDRIVE = 2 & PDL = 1
3.2
1.9 mA: PDRIVE = 3 & PDL = 1
1.6
Maximum operating distance
(Notes 1, 4, 5)
PDRIVE = 0 and PDL = 0 (116 mA), PPULSE = 64
Emitter:
λp = 850 nm, 20° half angle, and 60 mW/sr
Object: 16
× 20-inch, 90% reflective Kodak Gray Card
(white surface)
Optics: Open view (no glass, no optical attenuation)
18
inches
NOTES: 1. Parameter is ensured by design or characterization and is not tested.
2. Proximity noise is defined as one standard deviation of 600 samples.
3. Proximity noise typically increases as
√PPULSE
4. Greater operating distances are achievable with appropriate optical system design considerations. See available TAOS application
notes for additional information.
5. Maximum operating distance is dependent upon emitter and the reflective properties of the object’s surface.
6. Proximity noise test was done using the following circuit:
TSL2772
VDD
1
mF
22
W
15.0
W
1
34
VDD
GND
LDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com