Electronic Components Datasheet Search
  English  ▼

X  

AT27BV1024 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT27BV1024
Description  1 Megabit 64K x 16 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27BV1024 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT27BV1024 Datasheet HTML 1Page - ATMEL Corporation AT27BV1024 Datasheet HTML 2Page - ATMEL Corporation AT27BV1024 Datasheet HTML 3Page - ATMEL Corporation AT27BV1024 Datasheet HTML 4Page - ATMEL Corporation AT27BV1024 Datasheet HTML 5Page - ATMEL Corporation AT27BV1024 Datasheet HTML 6Page - ATMEL Corporation AT27BV1024 Datasheet HTML 7Page - ATMEL Corporation AT27BV1024 Datasheet HTML 8Page - ATMEL Corporation AT27BV1024 Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Atmel’s innovative design techniques provide fast speeds
that rival 5V parts while keeping the low power consump-
tion of a 3V supply. At VCC = 2.7V, any word can be ac-
cessed in less than 120 ns. With a typical power dissipa-
tion of on ly 18 mW at 5 MH z and VCC = 3 V , th e
AT27BV1024 consumes less than one fifth the power of a
standard 5V EPROM.
Standby mode supply current is typically less than 1
µA at
3V. The AT27BV1024 simplifies system design and
stretches battery lifetime even further by eliminating the
need for power supply regulation.
The AT27BV1024 is available in industry standard
JEDEC-approved one-time programmable (OTP) plastic
PLCC and TSOP packages. All devices feature two-line
control (CE, OE) to give designers the flexibility to prevent
bus contention.
The AT27BV1024 operating with VCC at 3.0V produces
TTL level outputs that are compatible with standard TTL
logic devices operating at VCC = 5.0V. At VCC = 2.7V, the
part is compatible with JEDEC approved low voltage bat-
tery operation (LVBO) interface specifications. The device
is also capable of standard 5-volt operation making it ide-
ally suited for dual supply range systems or card products
that are pluggable in both 3-volt and 5-volt hosts.
Atmel’s AT27BV1024 has additional features to ensure
high quality and efficient production use. The Rapid™ Pro-
gramming Algorithm reduces the time required to program
the part and guarantees reliable programming. Program-
ming time is typically only 100
µs/word. The Integrated
Product Identification Code electronically identifies the de-
vice and manufacturer. This feature is used by industry
standard programming equipment to select the proper
programming algorithms and voltages. The AT27BV1024
programs exactly the same way as a standard 5V
AT27C1024 and uses the same programming equipment.
Description (Continued)
Switching between active and standby conditions via the
Chip Enable pin may produce transient voltage excur-
sions. Unless accommodated by the system design, these
transients may exceed data sheet limits, resulting in de-
vice non-conformance. At a minimum, a 0.1
µF high fre-
quency, low inherent inductance, ceramic capacitor
should be utilized for each device. This capacitor should
be connected between the VCC and Ground terminals of
the device, as close to the device as possible. Additionally,
to stabilize the supply voltage level on printed circuit
boards with large EPROM arrays, a 4.7
µF bulk electrolytic
capacitor should be utilized, again connected between the
VCC and Ground terminals. This capacitor should be posi-
tioned as close as possible to the point where the power
supply is connected to the array.
System Considerations
3-34
AT27BV1024



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com