Electronic Components Datasheet Search
  English  ▼

X  

TL-T2Y2 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # TL-T2Y2
Description  Slim Proximity Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

TL-T2Y2 Datasheet(HTML) 5 Page - Omron Electronics LLC

  TL-T2Y2 Datasheet HTML 1Page - Omron Electronics LLC TL-T2Y2 Datasheet HTML 2Page - Omron Electronics LLC TL-T2Y2 Datasheet HTML 3Page - Omron Electronics LLC TL-T2Y2 Datasheet HTML 4Page - Omron Electronics LLC TL-T2Y2 Datasheet HTML 5Page - Omron Electronics LLC TL-T2Y2 Datasheet HTML 6Page - Omron Electronics LLC TL-T2Y2 Datasheet HTML 7Page - Omron Electronics LLC TL-T2Y2 Datasheet HTML 8Page - Omron Electronics LLC TL-T2Y2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TL-T
Safety Precautions
This product is not designed or rated for
ensuring safety of persons.
Do not use it for such purposes.
• Do not short the load. Explosion or burning may
result.
• Do not supply power to the Sensor with no load
connected, otherwise internal parts may be
damaged or burnt.
Applicable Models: AC 2-wire Models
Do not use this product under ambient conditions that exceed
the ratings.
● Design
Effect of Surrounding Metals
• Be sure to separate the Sensor from surrounding metal
objects as shown in the following illustration.
• The TL-T2 will not be influenced by metal when it is
embedded in metal.
Mutual Interference
When two or more Sensors are mounted face-to-face or side-
by-side, separate them as shown below. The table below
indicates the minimum distances A and B.
Mutual Interference
(Unit: mm)
Note: Figures in parentheses will apply if the Sensors in use are different from
each other in response frequency.
● Mounting
• At the time of rear mounting, be sure that the tightening
torque does not exceed 0.59 N·m.
• At the time of side mounting, be sure that the tightening
torque does not exceed 0.78 N·m.
(Unit: mm)
Dimensions
Unless otherwise specified, the tolerance class IT16 is used for dimensions in this data sheet.
WARNING
Precautions for Correct Use
12 mm
15 mm
15 mm 15 mm
25 mm
15 mm
15 mm
Distance
Model
A
B
TL-T2
40 (10)
12 (0)
TL-T5
120 (60)
80 (40)
AB
Mounting screw
0.59 N·m
Mounting screw
0.78 N·m
6
4
4
12
17±0.2
32±0.2
16±0.2
5
9
40
26
*1
Indicator *2
Sensing surface
Two, M3, depth 6
Two, 3.1-dia. holes
*1. DC-switching model: 4.0-dia.
vinyl-insulated round cable
with 3 conductors (Conductor
cross section: 0.2 mm2,
Insulator diameter: 1.2 mm),
Standard length: 2 m
AC-switching model: 4.0-dia.
vinyl-insulated round cable
with 2 conductors (Conductor
cross section: 0.3 mm2,
Insulator diameter: 1.3 mm),
Standard length: 2 m
*2. Detection indicator (red)
TL-T
@
In the interest of product improvement, specifications are subject to change without notice.
http://www.ia.omron.com/
5
(c)Copyright OMRON Corporation 2008 All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com