Electronic Components Datasheet Search
  English  ▼

X  

IR2010STRPBF Datasheet(PDF) 13 Page - International Rectifier

Part # IR2010STRPBF
Description  Floating channel designed for bootstrap operation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2010STRPBF Datasheet(HTML) 13 Page - International Rectifier

Back Button IR2010STRPBF Datasheet HTML 9Page - International Rectifier IR2010STRPBF Datasheet HTML 10Page - International Rectifier IR2010STRPBF Datasheet HTML 11Page - International Rectifier IR2010STRPBF Datasheet HTML 12Page - International Rectifier IR2010STRPBF Datasheet HTML 13Page - International Rectifier IR2010STRPBF Datasheet HTML 14Page - International Rectifier IR2010STRPBF Datasheet HTML 15Page - International Rectifier IR2010STRPBF Datasheet HTML 16Page - International Rectifier IR2010STRPBF Datasheet HTML 17Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
www.irf.com
13
IR2010(S)(TR) &(PbF)
Figure 29. IR2010 Tj vs Frequency
RGATE = 16 Ohm, Vcc = 15V with IRFBC40
Figure 30. IR2010 Tj vs Frequency
RGATE = 22 Ohm, Vcc = 15V with IRFBC30
Figure 29: IR2010 Tj vs Frequency
0.00
25.00
50.00
75.00
100.00
125.00
150.00
1.E+03
1.E+04
1.E+05
1.E+06
Frequency (Hz)
200V
100V
10V
Figure 30: IR2010 Tj vs Frequency
0.00
25.00
50.00
75.00
100.00
125.00
150.00
1.E+03
1.E+04
1.E+05
1.E+06
Frequency (Hz)
200V
100V
10V
Figure 31: IR2010 Tj vs Frequency
0.00
25.00
50.00
75.00
100.00
125.00
150.00
1.E+03
1.E+04
1.E+05
1.E+06
Frequency (Hz)
200V
100V
10V
Figure 31. IR2010 Tj vs Frequency
RGATE = 33 Ohm, Vcc = 15V with IRFBC20
0.00
25.00
50.00
75.00
100.00
125.00
150.00
1.E+03
1.E+04
1.E+05
1.E+06
Frequency (Hz)
200V
100V
10V
Figure 32. IR2010S Tj vs Frequency
RGATE = 10 Ohm, Vcc = 15V with IRFPE50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com