Electronic Components Datasheet Search
  English  ▼

X  

EE-SX670P-C1J-R Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # EE-SX670P-C1J-R
Description  Slot-type Photomicrosensor (Non-modulated)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SX670P-C1J-R Datasheet(HTML) 4 Page - Omron Electronics LLC

  EE-SX670P-C1J-R Datasheet HTML 1Page - Omron Electronics LLC EE-SX670P-C1J-R Datasheet HTML 2Page - Omron Electronics LLC EE-SX670P-C1J-R Datasheet HTML 3Page - Omron Electronics LLC EE-SX670P-C1J-R Datasheet HTML 4Page - Omron Electronics LLC EE-SX670P-C1J-R Datasheet HTML 5Page - Omron Electronics LLC EE-SX670P-C1J-R Datasheet HTML 6Page - Omron Electronics LLC EE-SX670P-C1J-R Datasheet HTML 7Page - Omron Electronics LLC EE-SX670P-C1J-R Datasheet HTML 8Page - Omron Electronics LLC EE-SX670P-C1J-R Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
EE-SX47/67
Engineering Data (Typical)
I/O Circuit Diagrams
NPN Output
Sensing Position Characteristics
Sensing Position Characteristics
Repeated Sensing Position Characteristics
Tr ON
Tr OFF
0
1.0
2.0
3.0
4.0
5.0
6.0
Distance d (mm)
Dark-ON
d
Tr ON
Tr OFF
0
1.0
2.0
3.0
4.0
5.0
6.0
Distance d (mm)
Dark-ON
d
d
OFF
ON
0
3.00
3.02
3.04
3.06
3.08
Distance d (mm)
Ta =
−25°C Ta = 55°C Ta = 25°C
Δd3
Δd1
Δd2
Δd4
Δd5
Vcc =12 V, No. of repetitions: 20,
Δd1 = 0.002 mm, Δd2 =
0.004 mm,
Δd3 = 0.005 mm, Δd4 = 0.02 mm, Δd5 = 0.04 mm
Model
Output
configuration
Timing charts
Terminal
connections
Output circuit
EE-SX67
@
EE-SX67
@-WR
EE-SX67
@-CJ1-R
Light-ON
Short-circuited
between
terminal and
positive
terminal
Dark-ON
Open between
terminal and
positive
terminal
EE-SX670A
EE-SX671A
EE-SX672A
EE-SX673A
EE-SX674A
Light-ON
Short-circuited
between
terminal and
positive
terminal
Dark-ON
Open between
terminal and
positive
terminal
EE-SX470
EE-SX471
EE-SX472
EE-SX473
EE-SX474
Light-ON
---
Incident
Interrupted
ON
OFF
ON
OFF
Operates
Releases
H
L
Light indicator
(red)
Output
transistor
Load 1
(e.g., relay)
Load 2
L
5 to
24 VDC
(Control output)
100 mA max.
Load
Main
circuit
L
OUT
IC
Light indicator
(red)
*The terminal arrangement depends on the model.
Check the demensional diagrams.
*
Incident
Interrupted
ON
OFF
ON
OFF
Operates
Releases
H
L
Light indicator
(red)
Output
transistor
Load 1
(e.g., relay)
Load 2
L
Incident
Interrupted
ON
OFF
ON
OFF
Operates
Releases
H
L
Light indicator
(red)
Output
transistor
Load 1
(e.g., relay)
Load 2
L
Incident
Interrupted
ON
OFF
ON
OFF
Operates
Releases
H
L
Light indicator
(red)
Output
transistor
Load 1
(e.g., relay)
Load 2
L
Incident
Interrupted
ON
OFF
ON
OFF
Operates
Releases
H
L
Light indicator
(red)
Output
transistor
Load 1
(relay)
Load 2
5 to
24 VDC
IC
OUT
Light indicator
(red)
Load
Main
circuit
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com