Electronic Components Datasheet Search
  English  ▼

X  

EE-SX672P-C1J-R Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # EE-SX672P-C1J-R
Description  Slot-type Photomicrosensor (Non-modulated)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SX672P-C1J-R Datasheet(HTML) 8 Page - Omron Electronics LLC

  EE-SX672P-C1J-R Datasheet HTML 1Page - Omron Electronics LLC EE-SX672P-C1J-R Datasheet HTML 2Page - Omron Electronics LLC EE-SX672P-C1J-R Datasheet HTML 3Page - Omron Electronics LLC EE-SX672P-C1J-R Datasheet HTML 4Page - Omron Electronics LLC EE-SX672P-C1J-R Datasheet HTML 5Page - Omron Electronics LLC EE-SX672P-C1J-R Datasheet HTML 6Page - Omron Electronics LLC EE-SX672P-C1J-R Datasheet HTML 7Page - Omron Electronics LLC EE-SX672P-C1J-R Datasheet HTML 8Page - Omron Electronics LLC EE-SX672P-C1J-R Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
EE-SX47/67
R1
19
25.4
3.2 dia.
6.35
6.95
26.2
2
2.5
43 2 1
17.4
EE-SX670-C1J-R
9.4
2
13.8
3.8 dia.
Optical axis
Indicator window
Robot cable of 2.8 dia., 4cores,
(0.15mm2 with 0.8mm dia. insulator);
Standard length: 1m
Optical axis
4.6 dia.
11
8.4
9
11.2
13.4
5
0.8
5.5
3
2
100±15
Sensing
window
EE-SX670-WR/670P-WR
EE-SX670-C1J-R/670P-C1J-R
Terminal Arrangement
Brown
(1)
Vcc
Pink
(2)
L
Blue
(3)
GND (0 V)
Black
(4)
OUTPUT
26.2
19
6.95
18.7
3
13.4
13.4
5
3
9
9
3.6
4.6 dia.
6.35
0.8
2
6.2
2.8
32 1
17.4
EE-SX671-C1J-R
9.4
2
3.2
R3.5
R1
15.5
3.2 dia.
19
7.2
2
100±15
Indicator window
Optical axis
Optical axis
Robot cable of 2.8 dia., 4cores,
(0.15mm2 with 0.8mm dia. insulator);
Standard length: 1m
Sensing
window
4
EE-SX671-WR/671P-WR
EE-SX671-C1J-R/671P-C1J-R
Terminal Arrangement
Brown
(1)
Vcc
Pink
(2)
L
Blue
(3)
GND (0 V)
Black
(4)
OUTPUT
13.7
7
12.6
13.4
5
3
9
2.5
8.4
26.2
2
26
19
4.6 dia.
10.3
6.2
13
6.35
0.8
2
4.3
2.5
R1.6
R1
43 2 1
17.4
EE-SX672-C1J-R
9.4
2
3
Indicator
window
Optical axis
Optical axis
100±15
Robot cable of 2.8 dia., 4cores,
(0.15mm2 with 0.8mm dia. insulator);
Standard length: 1m
Sensing
window
EE-SX672-WR/672P-WR
EE-SX672-C1J-R/672P-C1J-R
Terminal Arrangement
Brown
(1)
Vcc
Pink
(2)
L
Blue
(3)
GND (0 V)
Black
(4)
OUTPUT
(6.65)
6.3
14.4
8.9
9
2
4.6 dia.
2 dia.
3.2 dia.
26.2
2
12.8
2.8
3.5
R1
0.8
EE-SX673-C1J-R
17.4
9.4
2
43 21
13.4
5
7
Indicator window
Optical axis
Optical axis
100±15
Robot cable of 2.8 dia., 4cores,
(0.15mm2 with 0.8mm dia. insulator);
Standard length: 1m
Sensing
window
EE-SX673-WR/673P-WR
EE-SX673-C1J-R/673P-C1J-R
Terminal Arrangement
Brown
(1)
Vcc
Pink
(2)
L
Blue
(3)
GND (0 V)
Black
(4)
OUTPUT
8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com