Electronic Components Datasheet Search
  English  ▼

X  

AT27C010 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT27C010
Description  1 Megabit 128K x 8 OTP CMOS EPROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C010 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT27C010 Datasheet HTML 1Page - ATMEL Corporation AT27C010 Datasheet HTML 2Page - ATMEL Corporation AT27C010 Datasheet HTML 3Page - ATMEL Corporation AT27C010 Datasheet HTML 4Page - ATMEL Corporation AT27C010 Datasheet HTML 5Page - ATMEL Corporation AT27C010 Datasheet HTML 6Page - ATMEL Corporation AT27C010 Datasheet HTML 7Page - ATMEL Corporation AT27C010 Datasheet HTML 8Page - ATMEL Corporation AT27C010 Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
System Considerations
The AT27C010/L in available in a choice of industry stand-
ard JEDEC-approved one-time programmable (OTP)
plastic PDIP, PLCC, and TSOP packages. All devices fea-
ture two line control (CE, OE) to give designers the flexibil-
ity to prevent bus contention.
With 128K byte storage capability, the AT27C010/L allows
firmware to be stored reliably and to be accessed by the
system without the delays of mass storage media.
Atmel’s 27C010/L have additional features to ensure high
quality and efficient production use. The Rapid™ Program-
ming Algorithm reduces the time required to program the
part and guarantees reliable programming. Programming
time is typically only 100
µs/byte. The Integrated Product
Identification Code electronically identifies the device and
manufacturer. This feature is used by industry standard
programming equipment to select the proper program-
ming algorithms and voltages.
Description (Continued)
Switching between active and standby conditions via the
Chip Enable pin may produce transient voltage excur-
sions. Unless accommodated by the system design, these
transients may exceed data sheet limits, resulting in de-
vice non-conformance. At a minimum, a 0.1
µF high fre-
quency, low inherent inductance, ceramic capacitor
should be utilized for each device. This capacitor should
be connected between the VCC and Ground terminals of
the device, as close to the device as possible. Additionally,
to stabilize the supply voltage level on printed circuit
boards with large EPROM arrays, a 4.7
µF bulk electrolytic
capacitor should be utilized, again connected between the
VCC and Ground terminals. This capacitor should be posi-
tioned as close as possible to the point where the power
supply is connected to the array.
3-154
AT27C010/L



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com