Electronic Components Datasheet Search
  English  ▼

X  

AT27C040 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT27C040
Description  4-Megabit 512K x 8 OTP EPROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C040 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT27C040 Datasheet HTML 1Page - ATMEL Corporation AT27C040 Datasheet HTML 2Page - ATMEL Corporation AT27C040 Datasheet HTML 3Page - ATMEL Corporation AT27C040 Datasheet HTML 4Page - ATMEL Corporation AT27C040 Datasheet HTML 5Page - ATMEL Corporation AT27C040 Datasheet HTML 6Page - ATMEL Corporation AT27C040 Datasheet HTML 7Page - ATMEL Corporation AT27C040 Datasheet HTML 8Page - ATMEL Corporation AT27C040 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
AT27C040
0189F–EPROM–4/03
Notes:
1. X can be VIL or VIH.
2. Refer to Programming Characteristics
3. V
H = 12.0 ± 0.5V.
4. Two identifier bytes may be selected. All Ai inputs are held low (VIL), except A9 which is set to VH and A0 which is toggled
low (V
IL) to select the Manufacturer’s Identification byte and high (VIH) to select the Device Code byte.
Operating Modes
Mode/Pin
CE
OE
Ai
VPP
Outputs
Read
V
IL
V
IL
Ai
X
(1)
D
OUT
Output Disable
X
V
IH
XX
High Z
Standby
VIH
XX
X
High Z
Rapid Program
(2)
V
IL
V
IH
Ai
V
PP
D
IN
PGM Verify
X
V
IL
Ai
V
PP
D
OUT
PGM Inhibit
VIH
VIH
XVPP
High Z
Product Identification
(4)
V
IL
V
IL
A9 = V
H
(3)
A0 = V
IH or VIL
A1 - A18 = VIL
X
Identification Code
Absolute Maximum Ratings*
Temperature Under Bias................................ -55°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability.
Storage Temperature ..................................... -65°C to +150°C
Voltage on Any Pin with
Respect to Ground ............................................-2.0V to +7.0V
Voltage on A9 with
Respect to Ground .........................................-2.0V to +14.0V
VPP Supply Voltage with
Respect to Ground ..........................................-2.0V to +14.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com