Electronic Components Datasheet Search
  English  ▼

X  

AT27C1024 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT27C1024
Description  1-Megabit 64K x 16 OTP EPROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C1024 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT27C1024 Datasheet HTML 1Page - ATMEL Corporation AT27C1024 Datasheet HTML 2Page - ATMEL Corporation AT27C1024 Datasheet HTML 3Page - ATMEL Corporation AT27C1024 Datasheet HTML 4Page - ATMEL Corporation AT27C1024 Datasheet HTML 5Page - ATMEL Corporation AT27C1024 Datasheet HTML 6Page - ATMEL Corporation AT27C1024 Datasheet HTML 7Page - ATMEL Corporation AT27C1024 Datasheet HTML 8Page - ATMEL Corporation AT27C1024 Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AT27C1024
2
In read mode, the AT27C1024 typically consumes 15 mA.
Standby mode supply current is typically less than 10
µA.
The AT27C1024 is available in industry standard JEDEC-
approved one-time programmable (OTP) plastic PDIP,
PLCC, and TSOP packages. The device features two-line
control (CE, OE) to eliminate bus contention in high-speed
systems.
With high density 64K word storage capability, the
AT27C1024 allows firmware to be stored reliably and to be
accessed by the system without the delays of mass storage
media.
Atmel’s 27C1024 have additional features to ensure high
quality and efficient production use. The Rapid™ Program-
ming Algorithm reduces the time required to program the
part and guarantees reliable programming. Programming
time is typically only 100
µs/word. The Integrated Product
Identification Code electronically identifies the device and
manufacturer. This feature is used by industry standard
programming equipment to select the proper programming
algorithms and voltages.
System Considerations
Switching between active and standby conditions via the
Chip Enable pin may produce transient voltage excursions.
Unless accommodated by the system design, these tran-
sients may exceed data sheet limits, resulting in device
non-conformance. At a minimum, a 0.1
µF high frequency,
low inherent inductance, ceramic capacitor should be uti-
lized for each device. This capacitor should be connected
between the VCC and Ground terminals of the device, as
close to the device as possible. Additionally, to stabilize the
supply voltage level on printed circuit boards with large
EPROM arrays, a 4.7
µF bulk electrolytic capacitor should
be utilized, again connected between the VCC and Ground
terminals. This capacitor should be positioned as close as
possible to the point where the power supply is connected
to the array.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com