Electronic Components Datasheet Search
  English  ▼

X  

AN232ISO Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AN232ISO
Description  simple and effective protection against all surges, static electricity and ground loops in your RS232 line.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AN232ISO Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AN232ISO Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Isolation between two master (DTE) devices.
Isolation between a master (DTE) and a client (DCE) device.
RS232 Isolator
Part no. AN232ISO
This RS232 optical isolator is a simple and effective
protection against all surges, static electricity and ground
loops in your RS232 line. It efficiently protects your
equipment and data communication against the most
common damages. This RS232 isolator is a 3-line
isolator which protects RXD, TXD and GND with 5000V
constant voltage, 600W surge protection and 15KV ESD
protection. The isolator is port powered from the TXD
signal, alternatively RTS and DTR. Supply port-power (-5
to 12VDC) must be provided on both sides of the
isolator.
DB9 Female
DB9 Male
DB9
Female
(PC)
RS232
1
DCD
2
TXD
3
RXD
4
DTR
5
GND
6
DSR
7
CTS
8
RTS
9
DB9
Male
(Device)
RS232
1
DCD
2
RXD
3
TXD
4
DTR
5
GND
6
DSR
7
RTS
8
CTS
9
SPECIFICATIONS
Model number
AN232ISO
Baud rate
300 - 57,600bps
Power
Port-powered -5VDC from RS232
port (TXD alternatively RTS, DTR)
Current
consumption
< 15mA
Interfaces
DB9 female / DB9 male
Optical isolation
1500V continuous, 7500V pulse
Static protection
1500W
Surge protection
600W/ms
Working mode
Asynchronous, full transparent
Standards
EIA/TIA RS-232C / RS232
Certifications
FCC,CE, RoHs
Operating
Temp.
-40°F to 180°F (-40°C to 85°C)
Operating
humidity
5% To 95% - No Condensation
Dimensions
2.47” x 1.33” x 0.70” (62.8 mm x 33.8
mm x 17.8 mm)
Warranty
5-year Limited Warranty
ECCN
4A994.a
Schedule B
8471.80.1000
HTS
8517.18.0050
To access technical support, please visit the
U.S. Converters website at:
www.USconverters.com
Here you will find:
- Latest drivers and updates for download
- Technical tips
- Documentation
- Configuration support
- and much more…
Feel free to contact our technical support team
at mail@usconverters.com with any issues.
Copyrights © U.S. Converters
In cases where only the TX
line
from
the
isolator
is
needed for your application
-6VDC can be applied to the
RX wire (pin 2) and +6V to
the GND wire (pin 5) on the
isolator. This simulates power
provided from a TX line and
will
provide
power
to
generate a signal on the TX
wire from the isolator.


Similar Part No. - AN232ISO

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AN232 MICROCHIP-AN232 Datasheet
240Kb / 12P
Low Frequency Magnetic Transmitter Design
2002
logo
STMicroelectronics
AN2326 STMICROELECTRONICS-AN2326 Datasheet
250Kb / 20P
Calibrating the RC oscillator of the ST7ULTRALITE MCU using the mains
03-Apr-2006
AN2328 STMICROELECTRONICS-AN2328 Datasheet
59Kb / 7P
HID device coding example
Apr-2006
logo
Future Technology Devic...
AN232R-01 FTDI-AN232R-01 Datasheet
254Kb / 13P
Bit Bang Modes for the FT232R and FT245R
More results

Similar Description - AN232ISO

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
AVR-M1608C080MTAAB TDK-AVR-M1608C080MTAAB Datasheet
235Kb / 11P
Countermeasure for surge voltage and static electricity
AVRL101A3R3FTA TDK-AVRL101A3R3FTA Datasheet
235Kb / 11P
Chip Varistors Countermeasure for surge voltage and static electricity
AVRL101A6R8GTA TDK-AVRL101A6R8GTA Datasheet
240Kb / 12P
Chip Varistors Countermeasure for surge voltage and static electricity
AVRL101A1R1NTB TDK-AVRL101A1R1NTB Datasheet
432Kb / 11P
Countermeasure for surge voltage and static electricity
logo
List of Unclassifed Man...
PLD-64 ETC2-PLD-64 Datasheet
30Kb / 1P
Packaged in a dispenser for label protection and your convenience
logo
Texas Instruments
BQ2970 TI1-BQ2970 Datasheet
1Mb / 31P
Cost-Effective Voltage and Current Protection Integrated Circuit
logo
Abracon Corporation
ASHEK ABRACON-ASHEK Datasheet
1Mb / 3P
Electricity, gas and water metering
10.24.14
logo
STMicroelectronics
ESDCAN0X-2BWY STMICROELECTRONICS-ESDCAN0X-2BWY Datasheet
378Kb / 8P
Dual-line ESD and EOS protection
December 2016 Rev 4
logo
Semtech Corporation
RCLAMP0512TQ SEMTECH-RCLAMP0512TQ Datasheet
2Mb / 13P
2-Line Surge and ESD Protection
logo
PUI audio inc.
AS02008MO-R PUIAUDIO-AS02008MO-R Datasheet
449Kb / 5P
IP65-rated design for protection against dust and water
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com