Electronic Components Datasheet Search
  English  ▼

X  

SA2500 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # SA2500
Description  Spectrum Analyzer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SA2500 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SA2500 Datasheet HTML 4Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 5Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 6Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 7Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 8Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 9Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 10Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 11Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Datasheet
Recommended Accessories
Accessory
Description
119-6594-xx
Beam Antenna, 824 to 896 MHz
119-6595-xx
Beam Antenna, 896 to 960 MHz
119-6596-xx
Beam Antenna, 1710 to 1880 MHz
119-6597-xx
Beam Antenna,1850to1990MHz
119-6970-xx
Magnetic Mount Antenna, 824 to 2170 MHz
(requires adapter 103-0449-00)
119-7246-xx
Pre-filter, General Purpose, 824 to 2500 MHz,
Type-N (f) Connector
119-7426-xx
Pre-filter, General Purpose, 2400 to 6200 MHz,
Type-N (f) Connector
012-0482-xx
Cable, 50 Ω, BNC (m) 3 foot (91 cm)
174-4977-xx
Cable, 50 Ω, Straight Type-N (m) and angled
Type-N (m) connector, 1.6 foot (50 cm)
174-5002-xx
Cable, 50 Ω, Type-N (m) to Type-N (m) connector,
3 foot (91 cm)
119-6030-xx
External Battery Charger (2-slot, external)
119-7755-xx
AC Power Supply
146-0151-xx
Lithium-ion Battery
016-1882-xx
Display Protector Sheets
Instrument Upgrades
Upgrade
Description
To upgrade your SA2500, order options as noted:
SA2500F Option EP1
Field Upgrade Kit for Enhanced Performance.
Increases the SA2500 DPX™ live RF spectrum
rate to 10,000 spectrums/s and 125 µs minimum
signal duration for 100% probability of Intercept
(POI), typical.
SA2500F Option EP2
Field upgrade for Enhanced Performance. Adds
signal classification capability to notable regions
of RF spectrum. Provides capability to compare
bandwidth, channel frequency, etc., to internal
tables of standards. Can save mask (stored
display) of user-generated masks to enable
spectrum violation measurements. Provides
database to store these notation results, along with
GPS location and time.
Tektronix is registered to ISO 9001 and ISO 14001 by SRI Quality System Registrar.
Product(s) complies with IEEE Standard 488.1-1987, RS-232-C, and with Tektronix
Standard Codes and Formats.
10 www.tektronix.comproducts/rsa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com