Electronic Components Datasheet Search
  English  ▼

X  

MH-2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MH-2
Description  MicroAmp MH-2 Housing For Dual MB Circuit Boards
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MH-2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MH-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For additional product information, please visit www.twinind.com
Contact information: 925-866-8946 (phone) 925-866-8937 (fax) Sales@twinind.com
MicroAmp MH-2 Housing
For Dual MB Circuit Boards
The MicroAmp MH-2 housing will accommodate two MB series circuit board to create a completely shielded 2-port circuits. Boards are
available for microwave amplifiers, filters, log detectors, frequency multipliers, dividers, and operational amplifiers that can be cascaded
together in a single housing to create more complex circuits. After assembling the desired MB circuit boards, simply drop them board into
the housing cavity and screw the boards in place using #1-72 socket head cap screws with a 0.050" hex key. Join the two circuits together
using a small bridge wire, foil ribbon, zero-ohm resistor, or capacitor. Then insert the SMA connectors into the side walls and secure them
with #2-56 mounting screws and solder the center pins to the circuit board pads. The ground turret terminal and 1000 pf bias feed-through
are then installed into the housing side wall and the bias connection is soldered in place from the circuit boards to the feed-through pin using
a small gauge wire. Install the feed-through carefully with just enough torque (2 in-lbs max) to secure it in place. A cover attaches to the top
of the housing with #2-56 screws to complete the shielded assembly. The finished housing can be mounted to a baseplate using the corner
through holes.
OUTLINE DRAWING
MH-2 KIT CONTENTS
1 ea. Housing
1 ea. Cover
2 ea. SMA female connectors
1 ea. Feed-through bias pin
1 ea. Ground turret terminal
6 ea. #2-56 x 3/16" pan head screws
10 ea.#1-72 x 1/8" socket head cap screws
1. Select Circuit Board
2. Assemble Board
3. Install into Housing
4. Add Connectors and Bias
FEATURES
• Rapid prototyping
of 2-port microwave
circuits
• Compatible with all
MB series circuit boards
• Cascade two boards
into one housing
• SMA female connectors
• Ground terminal and
bias feed-through
• Cover and mounting
hardware provided


Similar Part No. - MH-2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MH-205A MSYSTEM-MH-205A Datasheet
106Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MH-210A MSYSTEM-MH-210A Datasheet
106Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MH-2201 MSYSTEM-MH-2201 Datasheet
94Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MH-2203 MSYSTEM-MH-2203 Datasheet
95Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MH-230A MSYSTEM-MH-230A Datasheet
106Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results

Similar Description - MH-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MB-5 ETC2-MB-5 Datasheet
1Mb / 1P
MicroAmp MB-5 Circuit Board
MB-6 ETC2-MB-6 Datasheet
1Mb / 1P
MicroAmp MB-6 Circuit Board
MB-7 ETC2-MB-7 Datasheet
1Mb / 1P
MicroAmp MB-7 Circuit Board
MB-8 ETC2-MB-8 Datasheet
1Mb / 1P
MicroAmp MB-8 Circuit Board
MB-9 ETC2-MB-9 Datasheet
1Mb / 1P
MicroAmp MB-9 Circuit Board
MB-11 ETC2-MB-11 Datasheet
1Mb / 1P
MicroAmp MB-11 Circuit Board
MB-12 ETC2-MB-12 Datasheet
1Mb / 1P
MicroAmp MB-12 Circuit Board
MB-13 ETC2-MB-13 Datasheet
1Mb / 1P
MicroAmp MB-13 Circuit Board
MB-15 ETC2-MB-15 Datasheet
1Mb / 1P
MicroAmp MB-15 Circuit Board
MH-1 ETC2-MH-1 Datasheet
1Mb / 1P
MicroAmp MH-1 Housing For Single MB Circuit Boards
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com