Electronic Components Datasheet Search
  English  ▼

X  

TSF73 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TSF73
Description  Compact External Mount with Temperature Sensing
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TSF73 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TSF73 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.cynergy3.com
© 2011 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001 CERTIFIED
TSF70 Series
Compact External Mount with Temperature Sensing
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
25VA & 100VA versions
WRAS Approved versions
Custom versions can be made for particular applications. Please contact Cynergy3 with your requirements.
Compact design with temperature sensing
Available in Nylon, Polypropylene or PPS
Many variants are UL recognised
components File No. E171218
Technical Specification
TSF73
TSF74
TSF78
TSF76
Material
Nylon
Polypropylene
Polypropylene
Polyphenylene
WRAS approved
UL approved
Sulphide (PPS)
Colour
Black
Opaque
White
Grey
Temp. Range
C
-20 / +75
-20 / +100
-20 / +100
-10 / +120 *
F
-4 ./ +167
-4 / +212
-4 / +212
+14 / +248 *
Min. Fluid SG
0.85
0.85
0.85
0.85
Must close level (SG=1)
7mm
8mm
8mm
9mm
Must open level (SG=1)
20mm
20mm
20mm
24mm
* Maximum temperature requires ETFE cable to be specified.
Electrical Specification
25W (Y code)
100W (H code)
Contact Form
N/O (N/C)
N/O (N/C)
Switching Power Max
VA
25
100
Switching Voltage AC Max
V
240
300
Switching Voltage DC Max
V
120
300
Switching Current Max
A
0.6
1
All ratings are for resistive load only.
Thermistor Specification
Nominal Temperature Resistance
10k Ohm at 25ºC
Resistance Tolerance
+/- 1% (25ºC) to +/- 4.3% (120ºC)
Operating Temperature Range
-20ºC to +120ºC
Temperature Sensing Accuracy
+/-0.2ºC (0ºC to +70ºC)
Beta Value
3892K (0/50ºC)
Response Time
<1 sec
Dissipation Constant
0.75mW/K
Standard PartsMaterial
Temperature Max Power
Leadouts
Gasket
Approvals
TSF73H100DN Nylon
-20ºC to +75ºC 100VA
100cm PVC 16/0.2
Nitrile
WRAS
TSF73Y100DN Nylon
-20ºC to +75ºC 25VA
100cm PVC 16/0.2
Nitrile
WRAS
TSF74H100DN PP
-20ºC to +100C 100VA
100cm PVC 16/0.2
Nitrile
WRAS
TSF74Y100DN PP
-20ºC to +100ºC 25VA
100cm PVC 16/0.2
Nitrile
WRAS
TSF76H050TV PPS
-10ºC to +120ºC 100VA
50cm ETFE 19/0.2
Viton
WRAS & UL
TSF76H100DN PPS
-10ºC to +100ºC 100VA
100cm PVC 16/0.2
Nitrile
WRAS & UL
TSF76Y050TV PPS
-10ºC to +120ºC 25VA
50cm ETFE 19/0.2
Viton
WRAS & UL
TSF76Y100DN PPS
-10ºC to +105ºC 25VA
100cm PVC 16/0.2
Nitrile
WRAS & UL
TSF78H100DN PP (UL)
-20ºC to +100C 100VA
100cm PVC 16/0.2
Nitrile
UL
TSF78Y100DN PP (UL)
-20ºC to +100C 100VA
100cm PVC 16/0.2
Nitrile
UL
°
°
The TSF70 series is a compact external
fitting device, with a high specification
thermistor so capable of sensing both
liquid level and temperature.
Mounting of this series is with the use of a
compression seal, so does not require
access to the inside of the tank.
Typical applications include vending
machines, commercial washing machines
and evaporator units.
They are manufactured in a variety of
materials with a choice of gasket
materials, to suit most commonly used
liquids.
The switch action may be reversed by
rotating the device through 180º.
,
1M Cable Red - Switch, Green - Thermistor
* 49mm TSF76
** Add 10m t dims TSF76
Nylon Nut
23.0mm (0.9“) dia.
hole in tank
88mm**
(3.5“)
Switch Closed
55mm
(2.2“)
18mm max.
(0.71“) dia.
Compression seal for
External Mount
Switch Open
40° Max
M16x2 Thread
42mm*
(1.7“)
Nylon Washer
Must close level
Must open level
3mm (0.12")
max tank wall
Mechanical Dimensions
All dimensions are in millimeters (inches)


Similar Part No. - TSF73

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSF7 ETC1-TSF7 Datasheet
534Kb / 4P
EURO TERMINAL BLOCKS
logo
Cynergy3 Co
TSF70 CYNERGY3-TSF70 Datasheet
696Kb / 1P
Compact External Mount with Temperature Sensing
logo
Truesemi Semiconductor ...
TSF740M TRUESEMI-TSF740M Datasheet
334Kb / 9P
400V N-Channel MOSFET
Ver.B1
logo
VBsemi Electronics Co.,...
TSF7N60M VBSEMI-TSF7N60M Datasheet
1Mb / 11P
N-Channel 650V (D-S) Super Junction Power MOSFET
More results

Similar Description - TSF73

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HTS-206 ETC1-HTS-206 Datasheet
23Kb / 1P
TEMPERATURE SENSING CRYSTAL
TTC05 ETC2-TTC05 Datasheet
2Mb / 5P
Temperature Compensation/Sensing
logo
Microchip Technology
AN897 MICROCHIP-AN897 Datasheet
429Kb / 16P
Thermistor Temperature Sensing with MCP6SX2 PGAs
2004
logo
Cynergy3 Co
RSF70 CYNERGY3-RSF70 Datasheet
453Kb / 1P
compact external fitting with compression seal
RSF80 CYNERGY3-RSF80 Datasheet
382Kb / 1P
compact external mount with taper thread
SSF212 CYNERGY3-SSF212 Datasheet
379Kb / 1P
compact external fitting with npt taper thread
TSF70 CYNERGY3-TSF70 Datasheet
696Kb / 1P
Compact External Mount with Temperature Sensing
TSF80 CYNERGY3-TSF80 Datasheet
244Kb / 1P
NPT External Mount with Temperature Sensing
TSSF212 CYNERGY3-TSSF212 Datasheet
384Kb / 1P
1/2 NPT External Mount with Temperature Sensing
logo
Omron Electronics LLC
D6F-A3 OMRON-D6F-A3 Datasheet
256Kb / 2P
High-accuracy Sensing with a Thin, Compact Body.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com